Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 34Page - Micrel Semiconductor MIC7401 Datasheet HTML 35Page - Micrel Semiconductor MIC7401 Datasheet HTML 36Page - Micrel Semiconductor MIC7401 Datasheet HTML 37Page - Micrel Semiconductor MIC7401 Datasheet HTML 38Page - Micrel Semiconductor MIC7401 Datasheet HTML 39Page - Micrel Semiconductor MIC7401 Datasheet HTML 40Page - Micrel Semiconductor MIC7401 Datasheet HTML 41Page - Micrel Semiconductor MIC7401 Datasheet HTML 42Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
38
Revision 1.0
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
CL05A225KO5NQNC
Samsung
(14)
2.2µF/16V, Ceramic, X5R, 0402, 0.8mm, ±10%
1
C2, C7, C9,
C11, C13
CL10A106MO8NQNC
Samsung
10µF/16V, Ceramic, X5R, 0603, 0.8mm, ±20%
5
C4, C6
CL21A106KAYNNNE
Samsung
10µF/25V, Ceramic, X5R, 0805, 1.25mm, ±20%
2
C3, C5, C8,
C10, C12, C14
CL10A226MQ8NUNE
Samsung
22µF/6.3V, Ceramic, X5R, 0603, 0.8mm, ±20%
6
C15
EEF-CX0J151XR
Panasonic
150µF/6.3V, POS Capacitor, SP, ±20%
1
D1
PMEG4002EL
NXP
(15)
0.2A/40V, Schottky, SOD-882
1
R1, R2
RC1005F104CS
Samsung
100kΩ, Resistor, 0402, 1%
3
R3, R5
RC1005F202CS
Samsung
2.0kΩ, Resistor, 0402, 1%
2
R4, R6
RC1005F4993CS
Samsung
499
kΩ, Resistor, 0402, 1%
1
R7
RC1005J000CS
Samsung
0.00Ω, Resistor, 0402, Jumper
1
L1, L2, L3,
L5, L6
CIG22H2R2MNE
Samsung
2.2µH, 1.6A Inductor, 116mΩ, 2520 × 1.2mm
(maximum)
5
L4
CIGW252010GM1R0MNE
Samsung
1.0µH, 3.3A Inductor
,
40mΩ, 2520 × 1.0mm
(maximum)
1
U1
MIC7401YFL
Micrel
(16)
Five-Channel Buck Regulator Plus One Boost
with HyperLight Load and I
2C Control
1
Notes:
14. Samsung: www.samsung.com.
15. NXP: www.nxp.com.
16. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com