Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 24Page - Micrel Semiconductor MIC7401 Datasheet HTML 25Page - Micrel Semiconductor MIC7401 Datasheet HTML 26Page - Micrel Semiconductor MIC7401 Datasheet HTML 27Page - Micrel Semiconductor MIC7401 Datasheet HTML 28Page - Micrel Semiconductor MIC7401 Datasheet HTML 29Page - Micrel Semiconductor MIC7401 Datasheet HTML 30Page - Micrel Semiconductor MIC7401 Datasheet HTML 31Page - Micrel Semiconductor MIC7401 Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
28
Revision 1.0
(
)
(
)
s
16
V
2
.
0
V
4
.
1
V
12
2
T
t
V
2
.
0
V
4
.
1
V
2
T
2
T
1
T
t
RAMP
OUT
SS
m
×
−
=
×
−
=
+
=
Eq. 2
Where:
T1 = 367µs
T2 = 848µs
tSS = 367µs + 848µs = 1.215ms
VOUT = Output voltage
tRAMP = Output dwell time = 16µs
Boost Digital Voltage Control (DVC)
The boost output control works the same way as the
buck, except that the voltage steps are 200mV, see
Figure 7. When the boost is programmed to a lower
voltage the output ramps down at a rate determined by
the output ramp rate (tRAMP), the output capacitance and
the external load. During both the ramp up and down
time, the power good output is blanked and will not
imitate a fault flag if the power good mask bit is set to “1”.
Figure 7. Boost DVC Control Ramp
The ramp time can be computed using Equation 3:
RAMP
INIT
_
OUT
OUT
t
V
2
.
0
V
V
t
×


−
=
∆
Eq. 3
Where:
VOUT_INIT = Initial output voltage
Table 2. Boost Output Default Soft-Start Time
VOUT (V)
tRAMP (µs)
tSS (ms)
VOUT6
12
16
1.215
Buck Current Limit
The MIC7401 buck regulators have high-side current
limiting that can be varied by a 4-bit code. If the regulator
remains in current limit for more than seven consecutive
PWM cycles, the output is latched off, the over-current
status register bit is set to 1, the power-good status
register bit is set to 0 and the global power good (PG)
output pin is pulled low. An over-current fault on one
output will not disable the remaining outputs. Table 3
shows the current limit register settings verses output
current. The current limit register setting is set at twice
the maximum output current.
Table 3. Buck Current Limit Register Settings
IOUT(MAX)
IPROG
BINARY
HEX
0.5A
1.1A
1111
F’h
1.0A
2.1A
1101
D’h
1.5A
3.1A
1011
B'h
2.0A
4.1A
1001
9'h
2.5A
5.1A
0111
7'h
3.0A
6.1A
0101
5'h
The output can be turned back on by recycling the input
power or by software control. To clear the overcurrent
fault by software control, set the enable register bit to “0”
then clear the overcurrent fault by setting the fault
register bit to “0”. This will clear the over-current and
power good status registers. Now the output can be re-
enabled by setting the enable register bit to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com