Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 12Page - Micrel Semiconductor MIC7401 Datasheet HTML 13Page - Micrel Semiconductor MIC7401 Datasheet HTML 14Page - Micrel Semiconductor MIC7401 Datasheet HTML 15Page - Micrel Semiconductor MIC7401 Datasheet HTML 16Page - Micrel Semiconductor MIC7401 Datasheet HTML 17Page - Micrel Semiconductor MIC7401 Datasheet HTML 18Page - Micrel Semiconductor MIC7401 Datasheet HTML 19Page - Micrel Semiconductor MIC7401 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
16
Revision 1.0
Typical Characteristics (Continued)
0.998
0.999
0.999
1.000
1.000
1.001
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
Buck Output Voltage (1.0V)
vs. Output Current
3.3V
5V
T
A = 25°C
-0.20%
-0.15%
-0.10%
-0.05%
0.00%
0.05%
0.10%
0.15%
0.20%
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
Buck Output Voltage Regulation
vs. Output Current
3.3V
5V
T
A = 25°C
0.000%
0.005%
0.010%
0.015%
0.020%
0.025%
0.030%
0.035%
2
3
4
5
6
INPUT VOLTAGE (V)
Buck Line Regulation
vs. Input Voltage
I
OUT = 1A
T
A = 25°C
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
0
1
2
3
OUTPUT CURRENT (A)
Dropout Output Voltage
vs. Output Current
V
IN = 3.3V
V
OUT = 3.3V
L = 2.2µH
DCR = 116m
Ω
SAMSUNG
CIG22H2R2MNE
T
A = 25
⁰C
0
50
100
150
200
250
300
0.0
1.0
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
V
IN Operating Supply Current
vs. Input Voltage
I
OUT = 0A SWITCHING
R
PG = OPEN
R
POR = OPEN
T
A = 25⁰C
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE (V)
Buck 2 Switching Frequency
vs. Input Voltage
V
OUT2 = 1.1V
I
OUT2 = 0.5A
T
A = 25°C
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
TEMPERATURE (
⁰C)
V
IN Shutdown Supply Current
vs. Temperature
V
IN = 5V
V
EN = 0V
100
1000
-50
-25
0
25
50
75
100
125
TEMPERATURE (
⁰C)
V
IN Supply Current
vs. Temperature
V
IN = 5V
V
EN = 5V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
PROGRAMMED CURRENT LIMIT (A)
Programmed Current Limit
vs. Measured Current Limit
V
IN = 5.0V
V
OUT = 1.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com