Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 56 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 56 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 52Page - Micrel Semiconductor MIC7401 Datasheet HTML 53Page - Micrel Semiconductor MIC7401 Datasheet HTML 54Page - Micrel Semiconductor MIC7401 Datasheet HTML 55Page - Micrel Semiconductor MIC7401 Datasheet HTML 56Page - Micrel Semiconductor MIC7401 Datasheet HTML 57Page - Micrel Semiconductor MIC7401 Datasheet HTML 58Page - Micrel Semiconductor MIC7401 Datasheet HTML 59Page - Micrel Semiconductor MIC7401 Datasheet HTML 60Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
56
Revision 1.0
Regulator Voltage Setting STBY Mode (0B’h – 0F’h)
This register is used to sets the output voltage of regulators 1
− 5 in STBY mode operation.
Table 12. Standby Registers
Register Name
STBY_ OUT1-5_REG
Standby DVC Registers
Address
OUT1 = 0x0B’h
OUT2 = 0x0C’h
OUT3 = 0x0D’h
OUT4 = 0x0E’h
OUT5 = 0x0F’h
Field
bit
R/W
Default
Description
SB_OUT[1-5]
5:0
R/W
See Table 2
Output Voltage Setting of OUT[1-5], DVC from 3.3V to 0.8V in
−50mV Steps
000000 = 3.30V
010000 = 2.50V
100000 = 1.70V
110000 = 0.90V
000001 = 3.25V
010001 = 2.45V
100001 = 1.65V
110001 = 0.85V
000010 = 3.20V
010010 = 2.40V
100010 = 1.60V
110010 = 0.80V
000011 = 3.15V
010011 = 2.35V
100011 = 1.55V
110011 = 0.80V
000100 = 3.10V
010100 = 2.30V
100100 = 1.50V
110100 = 0.80V
000101 = 3.05V
010101 = 2.25V
100101 = 1.45V
110101 = 0.80V
000110 = 3.00V
010110 = 2.20V
100110 = 1.40V
110110 = 0.80V
000111 = 2.95V
010111 = 2.15V
100111 = 1.35V
110111 = 0.80V
001000 = 2.90V
011000 = 2.10V
101000 = 1.30V
111000 = 0.80V
001001 = 2.85V
011001 = 2.05V
101001 = 1.25V
111001 = 0.80V
001010 = 2.80V
011010 = 2.00V
101010 = 1.20V
111010 = 0.80V
001011 = 2.75V
011011 = 1.95V
101011 = 1.15V
111011 = 0.80V
001100 = 2.70V
011100 = 1.90V
101100 = 1.10V
111100 = 0.80V
001101 = 2.65V
011101 = 1.85V
101101 = 1.05V
111101 = 0.80V
001110 = 2.60V
011110 = 1.80V
101110 = 1.00V
111110 = 0.80V
001111 = 2.55V
011111 = 1.75V
101111 = 0.95V
111111 = 0.80V
6
0
Not Used
7
0
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com