Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC7401 Datasheet HTML 1Page - Micrel Semiconductor MIC7401 Datasheet HTML 2Page - Micrel Semiconductor MIC7401 Datasheet HTML 3Page - Micrel Semiconductor MIC7401 Datasheet HTML 4Page - Micrel Semiconductor MIC7401 Datasheet HTML 5Page - Micrel Semiconductor MIC7401 Datasheet HTML 6Page - Micrel Semiconductor MIC7401 Datasheet HTML 7Page - Micrel Semiconductor MIC7401 Datasheet HTML 8Page - Micrel Semiconductor MIC7401 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
MIC7401
Configurable PMIC, Five-Channel
Buck Regulator plus One-Boost with
HyperLight Load
®, I2C Control, and Enable
HyperLight Load is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 16, 2015
Revision 1.0
General Description
The
MIC7401
is
a
powerful,
highly-integrated,
configurable, power-management IC (PMIC) featuring five
synchronous buck regulators, one boost regulator, and
high-speed I
2C interface with an internal EEPROM.
The device offers two distinct modes of operation “stand-
by mode” and “normal mode” intended to provide an
energy optimized solution suitable for portable handheld,
and infotainment applications.
In normal mode, the programmable switching converters
can be configured to support a variety of features,
including start-up sequencing, timing, soft-start ramp,
output voltage levels, current-limit levels, and output
discharge for each channel.
In stand-by mode the PMIC can configured in a low power
state by either disabling an output or by changing the
output voltage to a lower level. Independent exit from
stand-by
mode
can
be
achieved
either
by
I
2C
communication or the external STBY pin.
The device has five synchronous buck regulators with
high-speed adaptive on-time control supporting even the
challenging
ultra-fast
transient
requirement
for
core
supplies. The one boost regulator provides a flash-memory
programming supply that delivers up to 200mA of output
current. The boost is equipped with an output disconnect
switch that opens if a short-to-ground fault is detected.
An internal EEPROM enables a single-chip solution across
many platforms by allowing the designer to customize the
PMIC for their design. Modifications can be made without
the need to re-approve a new PMIC, saving valuable
design resources and time.
All switchers provide light-load efficiency with HyperLight
Load
®
mode for buck and PFM mode for boost. An
additional benefit of this proprietary architecture is very-low
output ripple voltage throughout the entire load range with
the use of small output capacitors. The MIC7401 is
designed for use with a small inductors (down to 0.47µH
for buck, 1.5µH for boost), and an output capacitor as
small as 10µF for buck, enabling a total solution size of
12mm × 8.5mm and less than 1mm height on top layer.
The datasheet and other support documentation can be
found on Micrel’s web site at: www.micrel.com.
Features
 Input voltage: 2.4V to 5.5V
 Five independent synchronous bucks up to 3A
 One independent non-synchronous boost 200mA
 200µA quiescent current (all regulators on)
 5µA typical shutdown current
 93% peak buck efficiency, 85% typical efficiency at 1mA
 Dual power mode: stand-by and normal mode
 I²C interface up to 3.4MHz
 I²C on-the-fly EEPROM programmability, featuring:
 Buck and boost output voltage scaling
 Power-on-Reset (PoR) threshold and delay
 Power-up sequencing/sequencing delay
 Buck and boost current limit
 Buck and boost pull-down when disabled
 Individual ON, OFF, and standby modes
 Soft-start and global power-good masking
 23µA buck typical quiescent current
 70µA boost typical quiescent current
 1.5% output accuracy over temperature/line/load
 2.0MHz boost switching frequency
 1.3MHz buck operation in continuous mode
 Ultra-fast buck transient response
 12mm × 8.5mm × 1.25mm solution size (top layer)
 Thermal-shutdown and current-limit protection
 36-pin 4.5mm × 4.5mm × 0.85mm FQFN package
(0.4mm pitch)
 40C to +125C junction temperature range
Applications
 Client and enterprise solid state drives (SSD)
 Consumer and in-vehicle infotainment devices
 Multimedia devices
 Portable handheld devices
 Security camera
 Gaming machines
 Service provider gateways


Similar Part No. - MIC7401

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400 Datasheet
94Kb / 2P
Five-Channel Buck Regulator
MIC7400-XXXXYFL MICREL-MIC7400-XXXXYFL Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
MIC7400XXX MICREL-MIC7400XXX Datasheet
94Kb / 2P
Five-Channel Buck Regulator
MIC7400YFL MICREL-MIC7400YFL Datasheet
94Kb / 2P
Five-Channel Buck Regulator
MIC7400YFL MICREL-MIC7400YFL Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
More results

Similar Description - MIC7401

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC23156 MICREL-MIC23156 Datasheet
1Mb / 22P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23156 MICROCHIP-MIC23156 Datasheet
651Kb / 32P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
10/25/17
MIC261203 MICROCHIP-MIC261203 Datasheet
2Mb / 38P
28V, 12A HyperLight Load짰 Synchronous DC/DC Buck Regulator
09/14/21
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com