Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 114 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 114 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
114/154
(2) FIFO mode (less than 64 byte)
FIFO mode (packet mode) can be selected by setting TXDIO_CTRL[1:0]([DIO_SET: B0 0x0C(5-4)])=0b00.
In FIFO mode, data is written to the TX_FIFO by [WR_TX_FIFO:B0 0x7C] register. After writing full data of
a packet, issuing TX_ON by [RF_STATUS:B0 0x0B] resister. Following preamble/SyncWord, TX_FIFO data
is transmitted to the air. Upon TX completion interrupt (INT[16] group 3) occurs, interrupt must be cleared. If
the next TX packet is sent, the next TX packet data is written to the TX_FIFO. If RX is expected after TX,
RX_ON should be issued by [RF_STATUS: B0 0x0B] resister. TX can be terminated by issuing TRX_OFF by
[RF_STATUS:B0 0x0B] register.
START
Write TX data
[WR_TX_FIFO:B0 0x7C]
TX_ON issue
[RF STATUS: B0 0x0B]
TX completion (INT[16])?
[INT_SOURCE_GRP3: B0 0x0F(0)]
No
Yes
No
INT[16] clear
[INT_SOURCE_GRP3: B0 0x0F])
Next packet TX ?
Yes
TRX_OFF issue
[RF_STATUS: B0 0x0B]
Write TX data
[WR_TX_FIFO:B0 0x7C]
RX?
No
RX_ON issue
[RF_STATUS: B0 0x0B]
Yes
TX_FIFO trigger level setting
[TXFIFO_THRH: B0 0x17]=0x00
[TXFIFO_THRL: B0 0x18]=0x00
TX data request accept
Completion (INT[17])?
[INT_SOURCE_GRP3: B0 0x0F(1)]
No
No
CCA execution ?
To CCA flowchart
i) If random back-off period specified in
the IEEE is used, go to CCA normal
mode.
ii) If IDLE is detected in minimum period,
go to CCA IDLE detection mode.
Yes
Set RX_ON after TX completion?
[RF_STATUS_CTRL:B0 0x0A]
Yes
Yes
No
If the TX data length is shorter than the
FAST_TX trigger level, TX will start by
writing all data to FIFO.
Set TRX_OFF/SLEEP after TX?
[RF_STATUS_CTRL:B0 0x0A]
Yes
No
※
please refer to RF state
transition wait flow.
To RF state transition wait
flow
INT[17] clear
[INT SOURCE GRP3: B0 0x0F]
CCA result=BUSY?
From CCA flowchart
CCA continue?
Yes
TRX_OFF issue
[RF_STATUS: B0 0x0B]
TX FIFO clear
[STATE CLR: B0 0x16]
No
No
To RF state transition wait
flow
Yes
To RF state transition wait flow
To RF state transition wait
and RX flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com