Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 116 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 116 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
116/154
(4) Automatic TX (less than 64 byte)
If AUTO_TX_EN([RF_STATUS_CTRL: B0 0x0A(4)]=0b1, TX starts automatically when FIFO is filled
with data equivalent to the Langth. Afer TX completion, RFstate transition setting is by TXDONE_MODE
([RF_STATUS_CTRL: B0 0x0A(1-0)]).
START
Write TX data
[WR_TX_FIFO:B0 0x7C]
Automatic TX setting
[RF_STATUS_CTRL:B0 0x0A]
TX data request accept
completion (INT[17])?
[INT_SOURCE_GRP3: B0 0x0F(1)]
No
Yes
TX completion (INT[16])?
[INT_SOURCE_GRP3: B0 0x0F(0)]
No
Yes
No
INT[16] and [INT17] clear
[INT_SOURCE_GRP3: B0 0x0F])
Next packet TX ?
Yes
TRX_OFF issue
[RF_STATUS: B0 0x0B]
Write TX data
[WR_TX_FIFO:B0 0x7C]
RX?
No
RX_ON issue
[RF_STATUS: B0 0x0B]
Yes
Set RXON after TX completion?
[RF_STATUS_CTRL:B0 0x0A]
Yes
No
Set TRXOFF/SLEEP after TX?
[RF_STATUS_CTRL:B0 0x0A]
Yes
No
To RF state transition wait
flow
To RF state transition wait flow
To RF state transition wait
and RX flow
●When data equivalent to Length is written to FIFO,
TX starts automatically.
●Please refer to RF state transition wait flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com