Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 121 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 121 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 121Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 122Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 123Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 124Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 125Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
121/154
(4) ACK transmission
ACK TX flow is as follows. During RX, ACK frame can be set in the TX FIFO.
Yes
Yes
No
Write TX data *4
[WR_TX_FIFO:B0 0x7C]
Yes
No
No
From RX flow
No
Yes
CRC error (INT[9])?
[INT_SOURCE_GRP2] B0 0x0E(1)]
TX_ON issue *6
[RF_STATUS: B0 0x0B]
TRX_OFF issue
[RF_STATUS: B0 0x0B]
Read all RX data
[RD_FIFO:B0 0x7F]
Clear TX FIFO pointer
[STATE_CLR: B0 0x16(0)]
*4 ACK frame is set to TX FIFO.
Yes
No
Clear RX FIFO pointer
[STATE_CLR: B0 0x16(1)]
*6 Please refer to RF state
transition wait flow.
START
Read RX data *3
[RD_FIFO:B0 0x7F]
Yes
RX FIFO trigger setting *1
[RXFIFO_THRH: B0 0x19]
[RXFIFO_THRL: B0 0x1A]
RX_ON issue*2
[RF_STATUS: B0 0x0B]
No
* In case of using interrupt,
FIFO-Full interrupt notification should be ON.
*3 read address field to
check length and
packet destination.
*2 Please refer to RF state transition wait
flow.
FIFO-Full interrupt?
INT[5] [INT_SOURCE_GRP1: B0 0x0D]
Self addressed?
RX completion (INT[8])? *5
[INT_SOURCE_GRP2: B0 0x0E(0)]
TX completion (INT[16])?
[INT_SOURCE_GRP3] B0 0x0F(0)]
INT[8] and [9] clear
[INT_SOURCE_GRP2: B0 0x0E]
Read RX data?
END
*5 Please refer the following
“NOTE”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com