Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 35 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 35 Page - Micronas

Back Button MSP3410D Datasheet HTML 31Page - Micronas MSP3410D Datasheet HTML 32Page - Micronas MSP3410D Datasheet HTML 33Page - Micronas MSP3410D Datasheet HTML 34Page - Micronas MSP3410D Datasheet HTML 35Page - Micronas MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
35
6.8. Software Proposals for Multistandard TV Sets
To familiarize the reader with the programming
scheme of the MSP 34x0D demodulator part, three
examples in the shape of flow diagrams are shown in
the following sections.
6.8.1. Multistandard Including System B/G
with NICAM/FM-Mono only
Fig. 6–1 shows a flow diagram for the CCU software,
applied for the MSP 3410D in a TV set, which facili-
tates NICAM and FM-Mono sound. For the instruc-
tions, please refer to Table 6–15.
If the program is changed, resulting in another pro-
gram within the Scandinavian System B/G, no param-
eters of the MSP 3410D need be modified. To facilitate
the check for NICAM, the CCU has only to continue at
the ’NICAM_WAIT’ instruction. During the NICAM
identification
process,
the
MSP 3410D
must
be
switched to the FM-Mono sound.
Fig. 6–1: CCU software flow diagram: standard B/G
NICAM/FM-Mono only with Demodulator Short
Programming Mode
6.8.2. Multistandard Including System I
with NICAM/FM-Mono only
This case is identical to the afore-mentioned. The only
difference consists in selecting the UK TV sound stan-
dard, which is coded with 000Ahex of register 0020hex.
6.8.3. Multistandard Including System B/G
with NICAM/FM-Mono and German DUAL-FM
Fig. 6–3 shows a flow diagram for the CCU software,
applied for the MSP 3410D in a TV set which supports
all standards according to system B/G. For the instruc-
tions used in the diagram, please refer to Table 6–15.
After having switched on the TV set and having initial-
ized the MSP 3410D (LOAD_SEQ_1/2), FM-Mono
sound is available.
Fig. 6–3 shows that to check for any stereo or bilingual
audio information, the TV sound standards 0008hex
(B/G-NICAM) and 0003hex must simply be set alter-
nately. If successful, the MSP 3410D must switch to
the desired audio mode.
6.8.4. Satellite Mode
Fig. 6–2 shows the simple flow diagram to be used for
the MSP 34x0D in a satellite receiver. For FM-Mono
operation, the corresponding FM carrier should prefer-
ably be processed at the MSP channel 2.
Fig. 6–2: CCU software flow diagram: SAT mode
6.8.5. Automatic Search Function for
FM Carrier Detection
The AM demodulation ability of the MSP 34x0D offers
the possibility to calculate the “field strength” of the
momentarily selected FM carrier, which can be read
out by the CCU. In SAT receivers, this feature can be
used to make automatic FM carrier search possible.
Therefore, the MSPD has to be switched to AM mode
(MODE_REG[8]),
FM
prescale
must
be
set
to
7Fhex=+127dec, and the FM DC notch must be
switched off. The sound IF frequency range must now
be “scanned” in the MSPD channel 2 by means of the
programmable quadrature mixer with an appropriate
incremental frequency (i.e. 10 kHz).
LOAD_SEQ_1/2
Set
Sound Standard
Audio Processing
NICAM_WAIT
NICAM_CHECK
Pause
START
Init
0008hex
MSP-Channel 1
FM2-Parameter
MSP-Channel 2
FM1-Parameter
Audio Processing
START
STOP
Init



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com