Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 65 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 65 Page - Micronas

Back Button MSP3410D Datasheet HTML 61Page - Micronas MSP3410D Datasheet HTML 62Page - Micronas MSP3410D Datasheet HTML 63Page - Micronas MSP3410D Datasheet HTML 64Page - Micronas MSP3410D Datasheet HTML 65Page - Micronas MSP3410D Datasheet HTML 66Page - Micronas MSP3410D Datasheet HTML 67Page - Micronas MSP3410D Datasheet HTML 68Page - Micronas MSP3410D Datasheet HTML 69Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
65
Fig. 9–19: Input Pins 30, 31, 33, 34, 36, 37, 40, and 41
(SC1-4_IN_L/R)
Fig. 9–20: Output Pins 56, 57, 59, 60, and 54
(DACA_L/R, DACM_L/R, DACM_SUB)
Fig. 9–21: Pin 42 (AGNDC)
Fig. 9–22: Output Pins 47, 48, 50, and 51
(SC_1/2_OUT_L/R)
≈ 3.75 V
40 k
AHVSUP
0...1.2 mA
3.3 k
≈ 3.75 V
125 k
26 pF
120 k
300
≈ 3.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com