Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 70 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 70 Page - Micronas

Back Button MSP3410D Datasheet HTML 66Page - Micronas MSP3410D Datasheet HTML 67Page - Micronas MSP3410D Datasheet HTML 68Page - Micronas MSP3410D Datasheet HTML 69Page - Micronas MSP3410D Datasheet HTML 70Page - Micronas MSP3410D Datasheet HTML 71Page - Micronas MSP3410D Datasheet HTML 72Page - Micronas MSP3410D Datasheet HTML 73Page - Micronas MSP3410D Datasheet HTML 74Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
70
Micronas
Analog Input and Output Recommendations
CAGNDC
AGNDC Filter Capacitor
AGNDC
−20%
3.3
µF
Ceramic Capacitor in Parallel
−20%
100
nF
CinSC
DC-Decoupling Capacitor
in front of SCART Inputs
SCn_IN_s1)
−20%
330
+20%
nF
VinSC
SCART Input Level
2.0
VRMS
VinMONO
Input Level, Mono Input
MONO_IN
2.0
VRMS
RLSC
SCART Load Resistance
SCn_OUT_s1)
10
k
Ω
CLSC
SCART Load Capacitance
6.0
nF
CVMA
Main/AUX Volume Capacitor
CAPL_M,
CAPL_A
10
µF
CFMA
Main/AUX Filter Capacitor
DACM_s,
DACA_s1)
−10%
1
+10%
nF
Recommendations for Analog Sound IF Input Signal
CVREFTOP
VREFTOP Filter Capacitor
VREFTOP
−20%
10
µF
Ceramic Capacitor in Parallel
−20%
100
nF
FIF_FM
Analog Input Frequency Range
ANA_IN1+,
ANA_IN2+,
ANA_IN-
09
MHz
VIF_FM
Analog Input Range FM/NICAM
0.1
0.8
3
Vpp
VIF_AM
Analog Input Range AM/NICAM
0.1
0.45
0.8
Vpp
RFMNI
Ratio: NICAM Carrier/FM Carrier
(unmodulated carriers)
BG:
I:
−20
−23
−7
−10
0
0
dB
dB
RAMNI
Ratio: NICAM Carrier/AM Carrier
(unmodulated carriers)
−25
−11
0
dB
RFM
Ratio: FM-Main/FM-Sub Satellite
7
dB
RFM1/FM2
Ratio: FM1/FM2
German FM System
7dB
RFC
Ratio: Main FM Carrier/
Color Carrier
15
−−
dB
RFV
Ratio: Main FM Carrier/
Luma Components
15
−−
dB
PRIF
Pass-band Ripple
−−±2dB
SUPHF
Suppression of Spectrum
Above 9.0 MHz
15
−
dB
FMMAX
Maximum FM Deviation (approx.)
normal mode
high deviation mode
±192
±360
kHz
1) “n” means “1”, “2” or “3”, “s” means “L” or “R”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com