Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 75 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 75 Page - Micronas

Back Button MSP3410D Datasheet HTML 71Page - Micronas MSP3410D Datasheet HTML 72Page - Micronas MSP3410D Datasheet HTML 73Page - Micronas MSP3410D Datasheet HTML 74Page - Micronas MSP3410D Datasheet HTML 75Page - Micronas MSP3410D Datasheet HTML 76Page - Micronas MSP3410D Datasheet HTML 77Page - Micronas MSP3410D Datasheet HTML 78Page - Micronas MSP3410D Datasheet HTML 79Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
75
PSRR: rejection of noise on AHVSUP at 1 kHz
AGNDC
AGNDC
80
dB
From Analog Input to DSP
MONO_IN,
SCn_IN_s1)
70
dB
From Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1),
SCn_OUT_s1)
70
dB
From DSP to SCART Output
SCn_OUT_s1)
60
dB
From DSP to MAIN/AUX Output
DACp_s1)
80
dB
S/NFM
FM Input to Main/AUX/SCART
Output
DACp_s1),
SCn_OUT_s1)
73
dB
1 FM-carrier 5.5 MHz,
50
µs, 1 kHz, 40 kHz devi-
ation; RMS, unweighted 0
to 15 kHz (for S/N);
full input range,
FM-Prescale = 46h,
Vol = 0 dB
→ Output Level 1 V
RMS at
DACp_s1); SPM = 3
THDFM
Total Harmonic Distortion + Noise
of FM demodulated signal on Main/
AUX/SCART output
DACp_s1),
SCn_OUT_s1)
0.1
%
S/NNICAM
Signal to Noise ratio of NICAM
baseband signal on Main/AUX/
SCART outputs
DACp_s1),
SCn_OUT_s1)
72
dB
NICAM:
−6dB, 1kHz,
RMS unweighted
0 to 15 kHz, Vol = 9 dB
NIC_Presc = 7Fh
Output level 1 VRMS at
DACp_s1); SPM = 8
THDNICAM
Total Harmonic Distortion + Noise
of NICAM baseband signal on
Main/AUX/SCART output
DACp_s1),
SCn_OUT_s1)
0.1
%
2.12 kHz, Modulator input
level = 0 dBref
SPM = 8
BERNI
NICAM: Bit Error Rate
−
110−7
FM+NICAM,
norm conditions
S/NAM
Signal to Noise ratio of AM base-
band signal on Main/AUX/SCART
outputs
DACp_s1),
SCn_OUT_s1)
48
dB
SIF input range:
0.1
−0.8 V
pp; AM = 70 %,
1 kHz, RMS unweighted
(S/N); 0 to 15 kHz,
FM/AM-Prescale = 3Chex,
Vol = 0 dB
→ Output level:
0.5 VRMS at DACp_s
1)
FM+NICAM, norm condi-
tions; SPM = 9
THDAM
Total Harmonic Distortion + Noise
of AM demodulated signal on Main/
AUX/SCART output
DACp_s1),
SCn_OUT_s1)
0.3
%
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “Loudspeaker (Main)’’ or ‘‘Headphone (AUX)’’
SPM: Short Programming Mode
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com