Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 30 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 30 Page - Micronas

Back Button MSP3410D Datasheet HTML 26Page - Micronas MSP3410D Datasheet HTML 27Page - Micronas MSP3410D Datasheet HTML 28Page - Micronas MSP3410D Datasheet HTML 29Page - Micronas MSP3410D Datasheet HTML 30Page - Micronas MSP3410D Datasheet HTML 31Page - Micronas MSP3410D Datasheet HTML 32Page - Micronas MSP3410D Datasheet HTML 33Page - Micronas MSP3410D Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
30
Micronas
6.5.4. DCO Registers
For a chosen TV standard, a corresponding set of
24-bit registers determining the mixing frequencies of
the quadrature mixers, has to be written into the IC. In
Table 6–12, some examples of DCO registers are
listed. It is necessary to divide them up into low part
and high part. The formula for the calculation of the
registers for any chosen IF frequency is as follows:
INCRdec = int(f / fs ⋅ 2
24)
with:
int
= integer function
f
= IF frequency in MHz
fS
= sampling frequency (18.432 MHz)
Conversion of INCR into hex format and separation of
the 12-bit low and high parts lead to the required regis-
ter values (DCO1_HI or _LO for MSP Ch1, DCO2_HI
or LO for MSP Ch2).
Table 6–12: DCO registers for the MSP 34x0D (reset status: DCO_HI/LO = “0000”)
DCO1_LO 0093hex, DCO1_HI 009Bhex ; DCO2_LO 00A3hex, DCO2_HI 00ABhex
Freq. [MHz]
DCO_HIhex
DCO_LOhex
Freq. [MHz]
DCO_HIhex
DCO_LOhex
4.5
03E8
0000
5.04
5.5
5.58
5.7421875
0460
04C6
04D8
04FC
0000
038E
0000
00AA
5.76
5.85
5.94
0500
0514
0528
0000
0000
0000
6.0
6.2
6.5
6.552
0535
0561
05A4
05B0
0555
0C71
071C
0000
6.6
6.65
6.8
05BA
05C5
05E7
0AAA
0C71
01C7
7.02
0618
0000
7.2
0640
0000
7.38
0668
0000
7.56
0690
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com