Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 42 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 42 Page - Micronas

Back Button MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas MSP3410D Datasheet HTML 40Page - Micronas MSP3410D Datasheet HTML 41Page - Micronas MSP3410D Datasheet HTML 42Page - Micronas MSP3410D Datasheet HTML 43Page - Micronas MSP3410D Datasheet HTML 44Page - Micronas MSP3410D Datasheet HTML 45Page - Micronas MSP3410D Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
42
Micronas
With positive bass settings, internal overflow may
occur even with overall volume less than 0 dB. This
will lead to a clipped output signal. Therefore, it is not
recommended to set bass to a value that, in conjunc-
tion with volume, would result in an overall positive
gain.
Loudspeaker channel: Bass and Equalizer cannot
work simultaneously (see section 7.3.22.: Mode Tone
Control). If Equalizer is used, Bass and Treble coeffi-
cients must be set to zero and vice versa.
7.3.4. Treble – Loudspeaker and
Headphone Channel
With positive treble settings, internal overflow may
occur even with overall volume less than 0 dB. This
will lead to a clipped output signal. Therefore, it is not
recommended to set treble to a value that, in conjunc-
tion with volume, would result in an overall positive
gain.
Loudspeaker channel: Treble and Equalizer cannot
work simultaneously (see section 7.3.22.: Mode Tone
Control). If Equalizer is used, Bass and Treble coeffi-
cients must be set to zero and vice versa.
7.3.5. Loudness – Loudspeaker and
Headphone Channel
Loudness increases the volume of low and high fre-
quency signals, while keeping the amplitude of the
1 kHz reference frequency constant. The intended
loudness has to be set according to the actual volume
setting. Because loudness introduces gain, it is not
recommended to set loudness to a value that, in con-
junction with volume, would result in an overall positive
gain.
By means of ‘Mode Loudness’, the corner frequency
for bass amplification can be set to two different val-
ues. In Super Bass mode, the corner frequency is
shifted up. The point of constant volume is shifted from
1 kHz to 2 kHz.
Treble Loudspeaker
0003hex
H
Treble Headphone
0032hex
H
+15 dB
0111 1000
78hex
+14 dB
0111 0000
70hex
+1 dB
0000 1000
08hex
+1/8 dB
0000 0001
01hex
0 dB
0000 0000
00hex
RESET
−1/8 dB
1111 1111
FFhex
−1 dB
1111 1000
F8hex
−11 dB
1010 1000
A8hex
−12 dB
1010 0000
A0hex
Loudness
Loudspeaker
0004hex
H
Loudness
Headphone
0033hex
H
+17 dB
0100 0100
44hex
+16 dB
0100 0000
40hex
+1 dB
0000 0100
04hex
0 dB
0000 0000
00hex
RESET
Mode Loudness
Loudspeaker
0004hex
L
Mode Loudness
Headphone
0033hex
L
Normal (constant
volume at 1 kHz)
0000 0000
00hex
RESET
Super Bass (constant
volume at 2 kHz)
0000 0100
04hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com