Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 57 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 57 Page - Micronas

Back Button MSP3410D Datasheet HTML 53Page - Micronas MSP3410D Datasheet HTML 54Page - Micronas MSP3410D Datasheet HTML 55Page - Micronas MSP3410D Datasheet HTML 56Page - Micronas MSP3410D Datasheet HTML 57Page - Micronas MSP3410D Datasheet HTML 58Page - Micronas MSP3410D Datasheet HTML 59Page - Micronas MSP3410D Datasheet HTML 60Page - Micronas MSP3410D Datasheet HTML 61Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
57
9.2. Pin Connections and Short Descriptions
NC = not connected (leave vacant for future compatibility reasons)
TP = Test Pin (leave vacant; pin is used for production test only)
LV = leave vacant
X = obligatory; connect as described in application circuit diagram
Pin No.
Pin Name
Type
Connection
Short Description
PLCC
68-pin
PSDIP
64-pin
PSDIP
52-pin
PQFP
80-pin
PLQFP
64-pin
(if not used)
1
16
14
9
8
ADR_WS
OUT
LV
ADR word strobe
2
−−−−
NC
LV
Not connected
3
15
13
8
7
ADR_DA
OUT
LV
ADR data output
4
14127
6
I2S_DA_IN1
IN
LV
I2S1 data input
5
13116
5
I2S_DA_OUT
OUT
LV
I2S data output
6
12105
4
I2S_WS
IN/OUT
LV
I2S word strobe
711
943
I2S_CL
IN/OUT
LV
I2S clock
810
832
I2C_DA
IN/OUT
X
I2C data
99721
I2C_CL
IN/OUT
X
I2C clock
10
8
−
1
64
NC
LV
Not connected
11
7
6
80
63
STANDBYQ
IN
X
Standby (low-active)
12
6579
62
ADR_SEL
IN
X
I2C Bus address select
13
5
4
78
61
D_CTR_OUT0
OUT
LV
Digital control output 0
14
4
3
77
60
D_CTR_OUT1
OUT
LV
Digital control output 1
15
3
−
76
59
NC
LV
Not connected
16
2
−
75
58
NC
LV
Not connected
17
−−−−
NC
LV
Not connected
18
1
2
74
57
AUD_CL_OUT
OUT
LV
Audio clock output
(18.432 MHz)
19
64
1
73
56
TP
LV
Test pin
20
63
52
72
55
XTAL_OUT
OUT
X
Crystal oscillator
21
62
51
71
54
XTAL_IN
IN
X
Crystal oscillator
22
61
50
70
53
TESTEN
IN
X
Test pin
23
60
49
69
52
ANA_IN2+
IN
AVSS via
56 pF / LV
IF input 2
(can be left vacant only if
IF input1 is also not in use)
24
59
48
68
51
ANA_IN
−
IN
AVSS via
56 pF / LV
IF common
(can be left vacant only if
IF input1 is also not in use)
25
58
47
67
50
ANA_IN1+
IN
LV
IF input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com