Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 74 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 74 Page - Micronas

Back Button MSP3410D Datasheet HTML 70Page - Micronas MSP3410D Datasheet HTML 71Page - Micronas MSP3410D Datasheet HTML 72Page - Micronas MSP3410D Datasheet HTML 73Page - Micronas MSP3410D Datasheet HTML 74Page - Micronas MSP3410D Datasheet HTML 75Page - Micronas MSP3410D Datasheet HTML 76Page - Micronas MSP3410D Datasheet HTML 77Page - Micronas MSP3410D Datasheet HTML 78Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
74
Micronas
XTALK
Crosstalk attenuation
− PLCC68
− PSDIP64
Input Level =
−3dB,
fsig = 1 kHz, unused ana-
log inputs connected to
ground by Z < 1 k
Ω
between left and right channel within
SCART Input/Output pair (L
→R, R→L)
SCn_IN
→ SCn_OUT1)
PLCC68
PSDIP64
SC1_IN or SC2_IN
→ DSP
PLCC68
PSDIP64
SC3_IN
→ DSP
PLCC68
PSDIP64
DSP
→ SCn_OUT1)
PLCC68
PSDIP64
80
80
80
80
80
80
80
80
dB
dB
dB
dB
dB
dB
dB
dB
equally weighted
20 Hz...20 kHz
2)
3)
between left and right channel within
Main or AUX Output pair
DSP
→ DACp1)
PLCC68
PSDIP64
80
75
dB
dB
equally weighted
20 Hz...16 kHz
3)
between SCART Input/Output pairs1)
D = disturbing program
O = observed program
D: MONO/SCn_IN
→ SCn_OUT
PLCC68
O: MONO/SCn_IN
→ SCn_OUT1)
PSDIP64
D: MONO/SCn_IN
→ SCn_OUT or unsel.
PLCC68
O: MONO/SCn_IN
→ DSP1)
PSDIP64
D: MONO/SCn_IN
→ SCn_OUT
PLCC68
O: DSP
→ SCn_OUT1)
PSDIP64
D: MONO/SCn_IN
→ unselected
PLCC68
O: DSP
→ SC1_OUT
PSDIP64
100
100
100
95
100
100
100
100
dB
dB
dB
dB
dB
dB
dB
dB
(equally weighted
20 Hz...20 kHz
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
2)
3)
3)
Crosstalk between Main and AUX Output pairs
DSP
→ DACp1)
PLCC68
PSDIP64
95
90
dB
dB
(equally weighted
20 Hz...16 kHz)3)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
XTALK
Crosstalk from Main or AUX Output to SCART Output
and vice-versa
D = disturbing program
O = observed program
D: MONO/SCn_IN/DSP
→ SCn_OUT
PLCC68
O: DSP
→ DACp1)
PSDIP64
D: MONO/SCn_IN/DSP
→ SCn_OUT
PLCC68
O: DSP
→ DACp1)
PSDIP64
D: DSP
→ DACp
PLCC68
O: MONO/SCn_IN
→ SCn_OUT1)
PSDIP64
D: DSP
→ DACM
PLCC68
O: DSP
→ SCn_OUT1)
PSDIP64
85
80
90
85
100
95
100
95
dB
dB
dB
dB
dB
dB
dB
dB
(equally weighted
20 Hz...20 kHz)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
SCART output load resis-
tance 10 k
Ω
SCART output load resis-
tance 30 k
Ω
3)
1) “n” means “1”, “2”, “3”, or “4”; “p” means “M” or “A”
2) DSP measured at I2S-Output
3) DSP Input at I2S-Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com