Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 18 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 18 Page - Micronas

Back Button MSP3410D Datasheet HTML 14Page - Micronas MSP3410D Datasheet HTML 15Page - Micronas MSP3410D Datasheet HTML 16Page - Micronas MSP3410D Datasheet HTML 17Page - Micronas MSP3410D Datasheet HTML 18Page - Micronas MSP3410D Datasheet HTML 19Page - Micronas MSP3410D Datasheet HTML 20Page - Micronas MSP3410D Datasheet HTML 21Page - Micronas MSP3410D Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
18
Micronas
5.1. Protocol Description
Write to DSP or Demodulator
Read from DSP or Demodulator
Write to Control or Test Registers
Note: S =
I2C bus Start Condition from master
P =
I2C bus Stop Condition from master
ACK =
Acknowledge-Bit: LOW on I2C_DA from slave (
=MSP, gray)
or master (
=CCU, hatched)
NAK =
Not-Acknowledge Bit: HIGH on I2C_DA from master (
=CCU, hatched) to indicate ‘End of Read’
or from MSP indicating internal error state
Wait =
I2C clock line held low by the slave (
=MSP) while interrupt is serviced (<1.8 ms)
Fig. 5–1: I2C bus protocol
(MSB first; data must be stable while clock is high)
Table 5–3: Control Register (Subaddress: 00 hex)
Name
Subaddress
MSB
14
13..1
LSB
CONTROL
00 hex
1 : RESET
0 : normal
00
0
Swrite
device
address
Wait
ACK
subaddr
ACK
addr byte
high
ACK
addr byte
low
ACK
data byte
high
ACK
data byte
low
ACK
P
Swrite
device
address
Wait
ACK
subaddr
ACK
addr byte
high
ACK
addr byte
low
ACK
S
read
device
address
Wait
ACK
data byte
high
ACK
data byte
low
NAK
P
Swrite
device
address
Wait
ACK
subaddr
ACK
data byte high
ACK
data byte low
ACK
P
1
0
S
P
I2C_DA
I2C_CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com