Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 59 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 59 Page - Micronas

Back Button MSP3410D Datasheet HTML 55Page - Micronas MSP3410D Datasheet HTML 56Page - Micronas MSP3410D Datasheet HTML 57Page - Micronas MSP3410D Datasheet HTML 58Page - Micronas MSP3410D Datasheet HTML 59Page - Micronas MSP3410D Datasheet HTML 60Page - Micronas MSP3410D Datasheet HTML 61Page - Micronas MSP3410D Datasheet HTML 62Page - Micronas MSP3410D Datasheet HTML 63Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
59
48
36
30
36
28
SC1_OUT_R
OUT
LV
SCART 1 output, right
49
35
29
35
27
VREF1
X
Reference ground 1
high voltage part
50
34
28
34
26
SC2_OUT_L
OUT
LV
SCART 2 output, left
51
33
27
33
25
SC2_OUT_R
OUT
LV
SCART 2 output, right
52
−−
32
−
NC
LV1)
Not connected
53
32
−
31
24
NC
LV
Not connected
54
31
26
30
23
DACM_SUB
LV
Subwoofer output
55
30
−
29
22
NC
LV
Not connected
56
29
25
28
21
DACM_L
OUT
LV
Loudspeaker out, left
57
28
24
27
20
DACM_R
OUT
LV
Loudspeaker out, right
58
27
23
26
19
VREF2
X
Reference ground 2
59
26
22
25
18
DACA_L
OUT
LV
Headphone out, left
60
25
21
24
17
DACA_R
OUT
LV
Headphone out, right
−−−
23
−
NC
LV
Not connected
−−−
22
−
NC
LV
Not connected
61
24
20
21
16
RESETQ
IN
X
Power-on reset
62
23
−
20
15
NC
LV
Not connected
63
22
−
19
14
NC
LV
Not connected
64
21
19
18
13
NC
LV
Not connected
65
20
18
17
12
I2S_DA_IN2
IN
LV
I2S2 data input
66
19
17
16
11
DVSS
X
Digital ground
−−−
15
−
DVSS
X
Digital ground
−−−
14
−
DVSS
X
Digital ground
67
18
16
13
10
DVSUP
X
Digital power supply 5V
−−−
12
−
DVSUP
X
Digital power supply 5V
−−−
11
−
DVSUP
X
Digital power supply 5V
68
17
15
10
9
ADR_CL
OUT
LV
ADR clock
1) Due to compatibility with MSP 3410D-B4 and older versions, it is possible to connect with ground as well.
Pin No.
Pin Name
Type
Connection
Short Description
PLCC
68-pin
PSDIP
64-pin
PSDIP
52-pin
PQFP
80-pin
PLQFP
64-pin
(if not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com