Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 53 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 53 Page - Micronas

Back Button MSP3410D Datasheet HTML 49Page - Micronas MSP3410D Datasheet HTML 50Page - Micronas MSP3410D Datasheet HTML 51Page - Micronas MSP3410D Datasheet HTML 52Page - Micronas MSP3410D Datasheet HTML 53Page - Micronas MSP3410D Datasheet HTML 54Page - Micronas MSP3410D Datasheet HTML 55Page - Micronas MSP3410D Datasheet HTML 56Page - Micronas MSP3410D Datasheet HTML 57Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
53
Demodulator
MODE_REG[15]:
Gain for AM-Demodulation
0: 0 dB1)
1: 12 dB
0: 0 dB
1: 12 dB
No
0: 0 dB
1: 12 dB
FAWCT_SOLL
(DEMOD W Addr. 107hex)
Not necessary
Not necessary
Yes
Not necessary
FAWCT_ER_TOL
(DEMOD W Addr. 10Fhex)
Not necessary
Not necessary
Yes
Not necessary
AUDIO_PLL
(DEMOD W Addr. 2D7hex)
Not necessary
Not necessary
Yes
Not necessary
LOAD_REG_1/2
(DEMOD W Addr. 56hex)
Not necessary
Not necessary
Yes
Not necessary
LOAD_REG_1
(DEMOD W Addr. 60hex)
Not necessary
Not necessary
Yes
Not necessary
SEARCH_NICAM (DEMOD W Addr. 78hex)
No
Not necessary
Yes
Not necessary
SELF_TEST
(DEMOD W Addr. 792hex)
No
not compatible,
not for customer
use,
values as
described in
Mubi-Software
not compatible,
not for customer
use,
FAWCT_IST
(DEMOD R Addr. 25hex)
NoNoYes
Yes, but not
necessary
CONC_CT
(DEMOD R Addr. 58hex)
No
No
Yes
Yes, but not
recommended
ERROR_RATE
(DEMOD R Addr. 57hex)
NoNoNo
Yes
Reading out RMS value of AGC
I2C Addr.
001Ehex
I2C Addr.
021Ehex
not possible
I2C Addr.
021Ehex
Reading out internal PLL capacitance switches
I2C Addr.
001Fhex
I2C Addr.
021Fhex
not possible
I2C Addr.
021Fhex
Audio Baseband Processing
Improved oversampling filters for all
D/A converters
Yes
Yes
No
Yes
Mode Loudness Loudspeaker channel
(DSP W Addr. 0004hex L)
00hex: normal
04hex: Super
Bass
00hex:normal
04hex: Super
Bass
00hex: normal
04hex: Super
Version
≥ F7
00hex:normal
04hex: Super
Bass
Spatial Effect Loudspeaker
(DSP W Addr. 05hex L)
Mode/
Customize
Mode/
Customize
always 0
Mode/
Customize
Prescale I2S2
(DSP W Addr. 0012hex H)
Yes1)
Yes
No
Yes
Prescale I2S1
(DSP W Addr. 0016hex H)
Yes1)
Yes
No
Yes
FM DC Notch switchable
(DSP W Addr. 0017hex)
Yes
Yes
No
Yes
Mode Tone Control Loudspeaker channel
(DSP W Addr. 0020hex H)
00hex:Bass/
Treble
FFhex:Equalizer
00hex:Bass/
Treble
FFhex:Equalizer
always Bass/
Treble
00hex:Bass/
Treble
FFhex:Equalizer
5 Band Equalizer
(DSP W Addr.
0021hex − 0025hex)
[+12 ...
−12 dB]
[+12 ...
−12 dB]
not implemented
[+12 ...
−12 dB]
Balance Headphone channel
(DSP W Addr. 0030hex H)
Yes1)
Yes
No
Yes
1) This feature will be implemented in MSP 3400C from version C7 on.
Feature
MSP 3400C
MSP 3400D
−B4
MSP 3410B
−F7
MSP 3410D
−B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com