Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 36 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 36 Page - Micronas

Back Button MSP3410D Datasheet HTML 32Page - Micronas MSP3410D Datasheet HTML 33Page - Micronas MSP3410D Datasheet HTML 34Page - Micronas MSP3410D Datasheet HTML 35Page - Micronas MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas MSP3410D Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
36
Micronas
Fig. 6–3: CCU software flow diagram: standard B/G
with NICAM or FM-Stereo with Demodulator Short
Programming
After each incrementation, a field strength value is
available at the quasi-peak detector output (quasi-peak
detector source must be set to FM), which must be
examined for relative maxima by the CCU. This results
in either continuing search or switching the MSP 34x0D
back to FM demodulation mode.
During the search process, the FIR2 must be loaded
with
the
coefficient
set
“AUTOSEARCH”,
which
enables small bandwidth, resulting in appropriate field
strength characteristics. The absolute field strength
value (can be read out of “quasi peak detector output
FM1”) also gives information on whether a main FM
carrier or a subcarrier was detected, and as a practical
consequence, the FM bandwidth (FIR1/2) and the
deemphasis (50
µs or adaptive) can be switched auto-
matically.
Due to the fact that a constant demodulation frequency
offset of a few kHz, leads to a DC level in the demodu-
lated signal, further fine tuning of the found carrier can
be achieved by evaluating the “DC Level Readout
FM1”. Therefore, the FM DC Notch must be switched
on, and the demodulator part must be switched back to
FM demodulation mode.
For a detailed description of the automatic search
function,
please
refer
to
the
corresponding
MSP 34xxD Windows software.
Note: The automatic search is still possible by evaluat-
ing only the DC Level Readout FM1 (DC Notch On) as
it is described with the MSP 34x0B, but the above
mentioned method is faster. If this DC Level method is
applied with the MSP 34x0D, it is recommended to set
MODE_REG[15] to 1 (AM gain = 12 dB) and to use the
new Autosearch FIR2 coefficient set as given in
Table 6–11.
LOAD_SEQ_1/2
NICAM_WAIT
LOAD_SEQ_1
IDENT_CHECK
FM_
LOAD_SEQ_1
NICAM_CHECK
NICAM
?
Pause
Pause
Audio Processing Init
FM_WAIT
START
Yes
No
Stereo/Biling.
Mono
Set
Sound Standard
0008hex
Set
Sound Standard
0003hex
Set
Sound Standard
0008hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com