Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 24 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 24 Page - Micronas

Back Button MSP3410D Datasheet HTML 20Page - Micronas MSP3410D Datasheet HTML 21Page - Micronas MSP3410D Datasheet HTML 22Page - Micronas MSP3410D Datasheet HTML 23Page - Micronas MSP3410D Datasheet HTML 24Page - Micronas MSP3410D Datasheet HTML 25Page - Micronas MSP3410D Datasheet HTML 26Page - Micronas MSP3410D Datasheet HTML 27Page - Micronas MSP3410D Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
24
Micronas
6.4.2. AUTO_FM/AM: Automatic Switching
between NICAM and FM/AM-Mono
In case of bad NICAM transmission or loss of the
NICAM carrier, the MSPD offers a comfortable mode to
switch back to the FM/AM-Mono signal. If automatic
switching is active, the MSP internally evaluates the
ERROR_RATE. All output channels which are assigned
to the NICAM source are switched back to the
FM/AM-Mono source without any further CCU instruc-
tion, if the NICAM carrier fails or the ERROR_RATE
exceeds the definable threshold.
Note, that the channel matrix of the corresponding out-
put channels must be set according to the NICAM
mode and need not be changed in the FM/AM fall-back
case. An appropriate hysteresis algorithm avoids oscil-
lating effects. The MSB of the Register C_AD_BITS
(Addr: 0023hex) informs about the actual NICAM
FM/AM Status (see section 6.6.2. on page 32).
There are two possibilities to define the threshold
deciding for NICAM or FM/AM-Mono (see Table 6–4):
1. default value of the MSPD (internal threshold = 700,
i.e. switch to FM/AM if ERROR_RATE > 700)
2. definable by the customer (recommendable range:
threshold = 50...2000, i.e. Bits [10...1] = 25...1000).
Note: The auto_FM feature is only active if the NICAM
bit of MODE_REG is set.
Table 6–4: Coding of automatic NICAM FM/AM switching (reset status: mode 0)
Mode
Auto_FM [11...0]
Addr. = 0021hex
Selected Sound at the
NICAM Channel Select
Threshold
Comment
0
default
Bit
[0]
= 0
Bits [11...1] = 0
always NICAM
none
Compatible to MSP 3410B,
i.e. automatic switching is
disabled
1
Bit
[0]
= 1
Bit
[11...1] = 0
NICAM or FM/AM,
depending on
ERROR_RATE
700 dec
automatic switching with
internal threshold
2
Bit
[0]
= 1
Bit
[10...1] = 25..1000 int
= threshold/2
Bit
[11]
= 0
NICAM or FM/AM,
depending on
ERROR_RATE
set by
customer
automatic switching with
external threshold
3
Bit
[11]
= [0] = 1
Bit
[10...1] = 0
always FM/AM
none
Forced FM-Mono mode, i.e.
automatic switching is
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com