Electronic Components Datasheet Search
  English  ▼

X  

MSP3410D Datasheet(PDF) 40 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 40 Page - Micronas

Back Button MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas MSP3410D Datasheet HTML 40Page - Micronas MSP3410D Datasheet HTML 41Page - Micronas MSP3410D Datasheet HTML 42Page - Micronas MSP3410D Datasheet HTML 43Page - Micronas MSP3410D Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
40
Micronas
7.3. DSP Write Registers: Functions and Values
Write registers are 16 bit wide, whereby the MSB is
denoted bit [15]. Transmissions via I2C bus have to
take place in 16-bit words. Some of the defined 16-bit
words are divided into low [7...0] and high [15...8] byte,
or in an other manner, thus holding two different con-
trol entities. All write registers are readable. Unused
parts of the 16-bit registers must be zero. Addresses
not given in this table must not be written at any time!
7.3.1. Volume – Loudspeaker and
Headphone Channel
The highest given positive 12-bit number (7F0hex)
yields in a maximum possible gain of 12 dB. Decreas-
ing the volume register by 2 LSBs decreases the vol-
ume by 0.125 dB. Volume settings lower than the
given minimum mute the output. With large scale input
signals, positive volume settings may lead to signal
clipping.
The MSPD loudspeaker and headphone volume func-
tion is divided up into a digital and an analog section.
With Fast Mute, volume is reduced to mute position by
digital volume only. Analog volume is not changed.
This reduces any audible DC plops. Going back from
Fast Mute should be done to the volume step which
was in existence before Fast Mute was activated.
The Fast Mute facility is activated by the I2C com-
mand. After 75 ms (typically), the signal is completely
ramped down.
If the clipping mode is set to “Reduce Volume”, the fol-
lowing clipping procedure is used: To prevent severe
clipping effects with bass, treble, or equalizer boosts,
the internal volume is automatically limited to a level
where, in combination with either bass, treble, or
equalizer setting, the amplification does not exceed
12 dB.
If the clipping mode is “Reduce Tone Control”, the bass
or treble value is reduced if amplification exceeds
12 dB. If the equalizer is switched on, the gain of those
bands is reduced, where amplification together with
volume exceeds 12 dB.
If the clipping mode is “Compromise Mode”, the bass
or treble value and volume are reduced half and half if
amplification exceeds 12 dB. If the equalizer is
switched on, the gain of those bands is reduced half
and half, where amplification together with volume
exceeds 12 dB.
Volume
Loudspeaker
0000hex
[15...4]
Volume
Headphone
0006hex
[15...4]
+12 dB
0111 1111 00001) 7F0hex
+11.875 dB
0111 1110 1110
7EEhex
+0.125 dB
0111 0011 0010
732hex
0 dB
0111 0011 0000
730hex
−0.125 dB
0111 0010 1110
72Ehex
−113.875 dB
0000 0001 0010
012hex
−114 dB
0000 0001 0000
010hex
Mute
0000 0000 0000
000hex
RESET
Fast Mute
1111 1111 1110
FFEhex
1) Bit[4] must always be set to 0
Clipping Mode
Loudspeaker
0000hex
[3..0]
Clipping Mode
Headphone
0006hex
[3..0]
Reduce Volume
0000
0hex
RESET
Reduce Tone Control
0001
1hex
Compromise Mode
0010
2hex
Example:
Vol.:
+6 dB
Bass:
+9 dB
Treble:
+5 dB
Red. Volume
3
9
5
Red. Tone Con.
6
6
5
Compromise
4.5
7.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com