Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 58 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 58 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 54Page - Dallas Semiconductor DS2155 Datasheet HTML 55Page - Dallas Semiconductor DS2155 Datasheet HTML 56Page - Dallas Semiconductor DS2155 Datasheet HTML 57Page - Dallas Semiconductor DS2155 Datasheet HTML 58Page - Dallas Semiconductor DS2155 Datasheet HTML 59Page - Dallas Semiconductor DS2155 Datasheet HTML 60Page - Dallas Semiconductor DS2155 Datasheet HTML 61Page - Dallas Semiconductor DS2155 Datasheet HTML 62Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 262 page
background image
DS2156
58 of 262
8.4
T1 Receive-Side Digital-Milliwatt Code Generation
Receive-side digital-milliwatt code generation involves using the receive digital-milliwatt registers
(T1RDMR1/2/3) to determine which of the 24 T1 channels of the T1 line going to the backplane should
be overwritten with a digital-milliwatt pattern. The digital-milliwatt code is an 8-byte repeating pattern
that represents a 1kHz sine wave (1E/0B/0B/1E/9E/8B/8B/9E). Each bit in the T1RDMRx registers
represents a particular channel. If a bit is set to a 1, then the receive data in that channel is replaced with
the digital-milliwatt code. If a bit is set to 0, no replacement occurs.
Register Name:
T1RDMR1
Register Description:
T1 Receive Digital-Milliwatt Enable Register 1
Register Address:
0Ch
Bit #
7
6
5
4
3
2
1
0
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Digital-Milliwatt Enable for Channels 1 to 8 (CH1 to CH8)
0 = do not affect the receive data associated with this channel
1 = replace the receive data associated with this channel with digital-milliwatt code
Register Name:
T1RDMR2
Register Description:
T1 Receive Digital-Milliwatt Enable Register 2
Register Address:
0Dh
Bit #
7
6
5
4
3
2
1
0
Name
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Digital-Milliwatt Enable for Channels 9 to 16 (CH9 to CH16)
0 = do not affect the receive data associated with this channel
1 = replace the receive data associated with this channel with digital-milliwatt code
Register Name:
T1RDMR3
Register Description:
T1 Receive Digital-Milliwatt Enable Register 3
Register Address:
0Eh
Bit #
7
6
5
4
3
2
1
0
Name
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Digital-Milliwatt Enable for Channels 17 to 24 (CH17 to CH24)
0 = do not affect the receive data associated with this channel
1 = replace the receive data associated with this channel with digital-milliwatt code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com