Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 67 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 67 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 63Page - Dallas Semiconductor DS2155 Datasheet HTML 64Page - Dallas Semiconductor DS2155 Datasheet HTML 65Page - Dallas Semiconductor DS2155 Datasheet HTML 66Page - Dallas Semiconductor DS2155 Datasheet HTML 67Page - Dallas Semiconductor DS2155 Datasheet HTML 68Page - Dallas Semiconductor DS2155 Datasheet HTML 69Page - Dallas Semiconductor DS2155 Datasheet HTML 70Page - Dallas Semiconductor DS2155 Datasheet HTML 71Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 262 page
background image
DS2156
67 of 262
Table 9-B. E1 Alarm Criteria
ALARM
SET CRITERIA
CLEAR CRITERIA
ITU
SPECIFICATION
RLOS
An RLOS condition exists on power-up
prior to initial synchronization, when a
resync criteria has been met, or when a
manual resync has been initiated by
E1RCR1.0
RCL
255 or 2048 consecutive 0s received as
determined by E1RCR2.0
At least 32 1s in 255-bit times
are received
G.775/G.962
RRA
Bit 3 of nonalign frame set to 1 for three
consecutive occasions
Bit 3 of nonalign frame set to
0 for three consecutive
occasions
O.162
2.1.4
RUA1
Fewer than three 0s in two frames (512
bits)
More than two 0s in two
frames (512 bits)
O.162
1.6.1.2
RDMA
Bit 6 of time slot 16 in frame 0 has been set
for two consecutive multiframes
V52LNK
Two out of three Sa7 bits are 0
G.965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com