Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 82 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 82 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 78Page - Dallas Semiconductor DS2155 Datasheet HTML 79Page - Dallas Semiconductor DS2155 Datasheet HTML 80Page - Dallas Semiconductor DS2155 Datasheet HTML 81Page - Dallas Semiconductor DS2155 Datasheet HTML 82Page - Dallas Semiconductor DS2155 Datasheet HTML 83Page - Dallas Semiconductor DS2155 Datasheet HTML 84Page - Dallas Semiconductor DS2155 Datasheet HTML 85Page - Dallas Semiconductor DS2155 Datasheet HTML 86Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 262 page
background image
DS2156
82 of 262
13.1 Line-Code Violation Count Register (LCVCR)
13.1.1
T1 Operation
T1 code violations are defined as bipolar violations (BPVs) or excessive 0s. If the B8ZS mode is set for
the receive side, then B8ZS codewords are not counted. This counter is always enabled; it is not disabled
during receive loss-of-synchronization (RLOS = 1) conditions. Table 13-A shows what the LCVCRs
count.
Table 13-A. T1 Line Code Violation Counting Options
COUNT EXCESSIVE
ZEROS?
(ERCNT.0)
B8ZS ENABLED?
(T1RCR2.5)
COUNTED IN THE LCVCRs
No
No
BPVs
Yes
No
BPVs + 16 consecutive 0s
No
Yes
BPVs (B8ZS codewords not counted)
Yes
Yes
BPVs + 8 consecutive 0s
13.1.2
E1 Operation
Either bipolar violations or code violations can be counted. Bipolar violations are defined as consecutive
marks of the same polarity. In this mode, if the HDB3 mode is set for the receive side, then HDB3
codewords are not counted as BPVs. If ERCNT.3 is set, then the LVC counts code violations as defined
in ITU O.161. Code violations are defined as consecutive bipolar violations of the same polarity. In most
applications, the framer should be programmed to count BPVs when receiving AMI code and to count
CVs when receiving HDB3 code. This counter increments at all times and is not disabled by loss-of-sync
conditions. The counter saturates at 65,535 and does not roll over. The bit-error rate on an E1 line would
have to be greater than 10-2 before the VCR would saturate (Table 13-B).
Table 13-B. E1 Line-Code Violation Counting Options
E1 CODE VIOLATION SELECT
(ERCNT.3)
COUNTED IN THE LCVCRs
0
BPVs
1
CVs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com