Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 50 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 50 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 46Page - Dallas Semiconductor DS2155 Datasheet HTML 47Page - Dallas Semiconductor DS2155 Datasheet HTML 48Page - Dallas Semiconductor DS2155 Datasheet HTML 49Page - Dallas Semiconductor DS2155 Datasheet HTML 50Page - Dallas Semiconductor DS2155 Datasheet HTML 51Page - Dallas Semiconductor DS2155 Datasheet HTML 52Page - Dallas Semiconductor DS2155 Datasheet HTML 53Page - Dallas Semiconductor DS2155 Datasheet HTML 54Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 262 page
background image
DS2156
50 of 262
condition. For example, SR2 has a bit that is set when the device goes into a loss-of-sync state (SR2.0, a
condition bit) and a bit that is set (SR2.4, an event bit) when the loss-of-sync condition clears (goes in
sync). Some of the status register bits (condition bits) do not have a separate bit for the “condition clear”
event but rather the status bit can produce interrupts on both edges, setting and clearing. These bits are
marked as double interrupt bits. An interrupt is produced when the condition occurs and when it clears.
6.4
Information Registers
Information registers operate the same as status registers except they cannot cause interrupts. They are all
latched except for INFO7 and some of the bits in INFO5 and INFO6. INFO7 register is a read-only
register. It reports the status of the E1 synchronizer in real time. INFO7 and some of the bits in INFO6
and INFO5 are not latched and it is not necessary to precede a read of these bits with a write.
6.5
Interrupt Information Registers
The interrupt information registers provide an indication of which status registers (SR1 through SR9) are
generating an interrupt. When an interrupt occurs, the host can read IIR1 and IIR2 to quickly identify
which of the nine status registers are causing the interrupt.
Register Name:
IIR1
Register Description:
Interrupt Information Register 1
Register Address:
14h
Bit #
7
6
5
4
3
2
1
0
Name
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
Default
0
0
0
0
0
0
0
0
Register Name:
IIR2
Register Description:
Interrupt Information Register 2
Register Address:
15h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
U_RSR
SR9
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com