Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 87 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 87 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 83Page - Dallas Semiconductor DS2155 Datasheet HTML 84Page - Dallas Semiconductor DS2155 Datasheet HTML 85Page - Dallas Semiconductor DS2155 Datasheet HTML 86Page - Dallas Semiconductor DS2155 Datasheet HTML 87Page - Dallas Semiconductor DS2155 Datasheet HTML 88Page - Dallas Semiconductor DS2155 Datasheet HTML 89Page - Dallas Semiconductor DS2155 Datasheet HTML 90Page - Dallas Semiconductor DS2155 Datasheet HTML 91Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 262 page
background image
DS2156
87 of 262
14.
DS0 MONITORING FUNCTION
The DS2156 has the ability to monitor one DS0 64kbps channel in the transmit direction and one DS0
channel in the receive direction at the same time. In the transmit direction, the user determines which
channel is to be monitored by properly setting the TCM0 to TCM4 bits in the TDS0SEL register. In the
receive direction, the RCM0 to RCM4 bits in the RDS0SEL register need to be properly set. The DS0
channel pointed to by the TCM0 to TCM4 bits appear in the transmit DS0 monitor (TDS0M) register.
The DS0 channel pointed to by the RCM0 to RCM4 bits appear in the receive DS0 (RDS0M) register.
The TCM4 to TCM0 and RCM4 to RCM0 bits should be programmed with the decimal decode of the
appropriate T1or E1 channel. T1 channels 1 through 24 map to register values 0 through 23. E1 channels
1 through 32 map to register values 0 through 31. For example, if DS0 channel 6 in the transmit direction
and DS0 channel 15 in the receive direction needed to be monitored, then the following values would be
programmed into TDS0SEL and RDS0SEL:
TCM4 = 0
RCM4 = 0
TCM3 = 0
RCM3 = 1
TCM2 = 1
RCM2 = 1
TCM1 = 0
RCM1 = 1
TCM0 = 1
RCM0 = 0
Register Name:
TDS0SEL
Register Description:
Transmit Channel Monitor Select
Register Address:
74h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
TCM4
TCM3
TCM2
TCM1
TCM0
Default
0
0
0
0
0
0
0
0
Bits 0 to 4/Transmit Channel Monitor Bits (TCM0 to TCM4). TCM0 is the LSB of a 5-bit channel select that
determines which transmit channel data appear in the TDS0M register.
Bits 5 to 7/Unused, must be set to 0 for proper operation
Register Name:
TDS0M
Register Description:
Transmit DS0 Monitor Register
Register Address:
75h
Bit #
7
6
5
4
3
2
1
0
Name
B1
B2
B3
B4
B5
B6
B7
B8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit DS0 Channel Bits (B1 to B8). Transmit channel data that has been selected by the transmit
channel monitor select register. B8 is the LSB of the DS0 channel (last bit to be transmitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com