| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 26 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 26 Page - Dallas Semiconductor |
|
26 / 262 page ![]() DS2156 26 of 262 3.2.2 Transmit Side Signal Name: UT-ADDR0 to UT-ADDR4 Signal Description: Transmit UTOPIA Address Signal Type: Input This 5-bit wide bus is driven by the ATM layer to poll and select the appropriate UTOPIA port. UT-ADDR4 is the MSB; UT-ADDR0 is the LSB. Signal Name: UT-ENB Signal Description: Transmit UTOPIA Enable Signal Type: Input Active-low enable signal asserted by ATM layer during cycles when UT-DATAx contains valid cell data. Signal Name: UT-SOC Signal Description: Transmit UTOPIA Start of Cell Signal Type: Input Active-high signal asserted by ATM layer when UT-DATAx contains the first valid byte of the cell. Signal Name: UT-DATA0 to UT-DATA7 Signal Description: Transmit UTOPIA Data Bus Signal Type: Input Byte-wide true data driven from ATM layer to one of the selected ports. UT-DATA7 is the MSB; UT-DATA0 is the LSB. Signal Name: UT-CLAV Signal Description: Transmit UTOPIA Cell Available Signal Type: Output This active-high UT-CLAV signal is asserted by the DS2156 if it has a cell space available to accommodate a complete cell from the ATM layer to the polled port. Signal Name: UT-2CLAV Signal Description: Transmit UTOPIA 2 Cells Available Signal Type: Output This active-high signal is asserted by the DS2156 to indicate that the transmitter can accommodate two cells. UT- 2CLAV0 is driven in multiplexed bus with 1CLAV mode as well as direct status mode for port 0. The timing of this signal follows as that of UT-CLAV. This bus is not tri-statable. Signal Name: UT-UTDO Signal Description: UTOPIA Transmit Data Output Signal Type: Output Access to the data prior to the transmit formatter. Updated on the rising edge of TCLK. This output is normally connected to TDATA. Signal Name: UT-CLK Signal Description: Receive UTOPIA Clock Signal Type: Input Transmit UTOPIA bus clock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |