Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 59 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 59 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 55Page - Dallas Semiconductor DS2155 Datasheet HTML 56Page - Dallas Semiconductor DS2155 Datasheet HTML 57Page - Dallas Semiconductor DS2155 Datasheet HTML 58Page - Dallas Semiconductor DS2155 Datasheet HTML 59Page - Dallas Semiconductor DS2155 Datasheet HTML 60Page - Dallas Semiconductor DS2155 Datasheet HTML 61Page - Dallas Semiconductor DS2155 Datasheet HTML 62Page - Dallas Semiconductor DS2155 Datasheet HTML 63Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 262 page
background image
DS2156
59 of 262
Register Name:
INFO1
Register Description:
Information Register 1
Register Address:
10h
Bit #
7
6
5
4
3
2
1
0
Name
RPDV
TPDV
COFA
8ZD
16ZD
SEFE
B8ZS
FBE
Default
0
0
0
0
0
0
0
0
Bit 0/Frame Bit-Error Event (FBE). Set when an Ft (D4) or FPS (ESF) framing bit is received in error.
Bit 1/B8ZS Codeword Detect Event (B8ZS). Set when a B8ZS codeword is detected at RPOS and RNEG
independent of whether the B8ZS mode is selected or not by T1TCR2.7. Useful for automatically setting the line
coding.
Bit 2/Severely Errored Framing Event (SEFE). Set when two out of six framing bits (Ft or FPS) are received in
error.
Bit 3/Sixteen Zero-Detect Event (16ZD). Set when a string of at least 16 consecutive 0s (regardless of the length
of the string) have been received at RPOSI and RNEGI.
Bit 4/Eight Zero-Detect Event (8ZD). Set when a string of at least eight consecutive 0s (regardless of the length
of the string) have been received at RPOSI and RNEGI.
Bit 5/Change-of-Frame Alignment Event (COFA). Set when the last resync resulted in a change-of-frame or
multiframe alignment.
Bit 6/Transmit Pulse-Density Violation Event (TPDV). Set when the transmit data stream does not meet the
ANSI T1.403 requirements for pulse density.
Bit 7/Receive Pulse-Density Violation Event (RPDV). Set when the receive data stream does not meet the ANSI
T1.403 requirements for pulse density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com