Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 62 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 62 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 58Page - Dallas Semiconductor DS2155 Datasheet HTML 59Page - Dallas Semiconductor DS2155 Datasheet HTML 60Page - Dallas Semiconductor DS2155 Datasheet HTML 61Page - Dallas Semiconductor DS2155 Datasheet HTML 62Page - Dallas Semiconductor DS2155 Datasheet HTML 63Page - Dallas Semiconductor DS2155 Datasheet HTML 64Page - Dallas Semiconductor DS2155 Datasheet HTML 65Page - Dallas Semiconductor DS2155 Datasheet HTML 66Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 262 page
background image
DS2156
62 of 262
Table 9-A. E1 Sync/Resync Criteria
FRAME OR
MULTIFRAME
LEVEL
SYNC CRITERIA
RESYNC CRITERIA
ITU SPEC.
FAS
FAS present in frame N and
N + 2; FAS not present in
frame N + 1
Three consecutive incorrect
FAS received
Alternate: (E1RCR1.2 = 1) The
above criteria is met or three
consecutive incorrect bit 2 of
non-FAS received
G.706
4.1.1
4.1.2
CRC4
Two valid MF alignment
words found within 8ms
915 or more CRC4 codewords
out of 1000 received in error
G.706
4.2 and 4.3.2
CAS
Valid MF alignment word
found and previous time slot
16 contains code other than
all 0s
Two consecutive MF
alignment words received in
error
G.732
5.2
Register Name:
E1RCR2
Register Description:
E1 Receive Control Register 2
Register Address:
34h
Bit #
7
6
5
4
3
2
1
0
Name
Sa8S
Sa7S
Sa6S
Sa5S
Sa4S
—
—
RCLA
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Carrier-Loss (RCL) Alternate Criteria (RCLA). Defines the criteria for a receive carrier-loss
condition for both the framer and LIU.
0 = RCL declared upon 255 consecutive 0s (125µs)
1 = RCL declared upon 2048 consecutive 0s (1ms)
Bits 1, 2/Unused, must be set to 0 for proper operation
Bit 3/Sa4 Bit Select (Sa4S). Set to 1 to have RLCLK pulse at the Sa4 bit position; set to 0 to force RLCLK low
during Sa4 bit position. See Section 34 for details.
Bit 4/Sa5 Bit Select (Sa5S). Set to 1 to have RLCLK pulse at the Sa5 bit position; set to 0 to force RLCLK low
during Sa5 bit position. See Section 34 for details.
Bit 5/Sa6 Bit Select (Sa6S). Set to 1 to have RLCLK pulse at the Sa6 bit position; set to 0 to force RLCLK low
during Sa6 bit position. See Section 34 for details.
Bit 6/Sa7 Bit Select (Sa7S). Set to 1 to have RLCLK pulse at the Sa7 bit position; set to 0 to force RLCLK low
during Sa7 bit position. See Section 34 for details.
Bit 7/Sa8 Bit Select (Sa8S). Set to 1 to have RLCLK pulse at the Sa8 bit position; set to 0 to force RLCLK low
during Sa8 bit position. See Section 34 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com