Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL316J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
Pin Descriptions
Symbol
Description
Symbol
Description
VIN+
Non-inverting gate drive voltage output
VE
Common (IGBT emitter) output supply
(
VOUT) control input.
voltage.
VIN-
Inverting gate drive voltage output
VLED2+ LED 2 anode. This pin must be left uncon-
(
VOUT) control input.
nected for guaranteed data sheet
performance. (For optical coupling testing
only)
VCC1
Positive input supply voltage. (4.5 V to 5.5 V)
DESAT
Desaturation voltage input. When the voltage
on DESAT exceeds an internal reference
voltage of 7 V while the IGBT is on, FAULT
output is changed from a high impedance
state to a logic low state within 5
µs. See
Note 25.
GND1
Input Ground.
VCC2
Positive output supply voltage.
RESET
FAULT reset input. A logic low input for at
VC
Collector of output pull-up triple-darlington
least 0.1
µs, asynchronously resets FAULT
transistor. It is connected to VCC2 directly or
output high and enables VIN. Synchronous
through a resistor to limit output turn-on
control of RESET relative to VIN is required.
current.
RESET is not affected by UVLO. Asserting
RESET while VOUT is high does not affect
VOUT.
FAULT
Fault output. FAULT changes from a high
VOUT
Gate drive voltage output.
impedance state to a logic low output within
5
µs of the voltage on the DESAT pin
exceeding an internal reference voltage of
7 V. FAULT output remains low until RESET
is brought low. FAULT output is an open
collector which allows the FAULT outputs
from all HCPL-316Js in a circuit
to be connected together in a “wired OR”
forming a single fault bus for interfacing
directly to the micro-controller.
VLED1+
LED 1 anode. This pin must be left uncon-
VEE
Output supply voltage.
nected for guaranteed data sheet per-
formance. (For optical coupling testing only)
VLED1-
LED 1 cathode. This pin must be connected
to ground.
Package Pin Out
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com