Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 24 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 24 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 28Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
Behavioral Circuit
Schematic
The functional behavior of the
HCPL-316J is represented by the
logic diagram in Figure 64 which
fully describes the interaction and
sequence of internal and external
signals in the HCPL-316J.
Input IC
In the normal switching mode, no
output fault has been detected,
and the low state of the fault
latch allows the input signals to
control the signal LED. The fault
output is in the open-collector
state, and the state of the Reset
pin does not affect the control of
the IGBT gate. When a fault is
detected, the FAULT output and
Figure 64. Behavioral Circuit Schematic.
signal input are both latched. The
fault output changes to an active
low state, and the signal LED is
forced off (output LOW). The
latched condition will persist until
the Reset pin is pulled low.
Output IC
Three internal signals control the
state of the driver output: the
state of the signal LED, as well as
the UVLO and Fault signals. If no
fault on the IGBT collector is
detected, and the supply voltage
is above the UVLO threshold, the
LED signal will control the driver
output state. The driver stage
logic includes an interlock to
ensure that the pull-up and pull-
down devices in the output stage
are never on at the same time. If
an undervoltage condition is
detected, the output will be
actively pulled low by the 50x
DMOS device, regardless of the
LED state. If an IGBT
desaturation fault is detected
while the signal LED is on, the
Fault signal will latch in the high
state. The triple darlington AND
the 50x DMOS device are
disabled, and a smaller 1x DMOS
pull-down device is activated to
slowly discharge the IGBT gate.
When the output drops below two
volts, the 50x DMOS device again
turns on, clamping the IGBT gate
firmly to Vee. The Fault signal
remains latched in the high state
until the signal LED turns off.
VIN+ (1)
VIN– (2)
VCC1 (3)
GND (4)
FAULT (6)
RESET (5)
DELAY
RS
Q
FAULT
LED
12 V
+
–
VCC2 (13)
7 V
–
+
DESAT (14)
VE (16)
250 µA
VC (12)
VOUT (11)
VEE (9,10)
50 x
1 x
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com