Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 19 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 19 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 23Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
Figure 56. Desat, VOUT , Fault, Reset Delay Waveforms.
Figure 54. VOUT Propagation Delay Waveforms,
Noninverting Configuration.
Figure 55. VOUT Propagation Delay Waveforms, Inverting
Configuration.
VIN+
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
VIN-
2.5 V
2.5 V
0 V
VIN+
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
VIN-
2.5 V
2.5 V
5.0 V
VOUT
tRESET (FAULT)
50% (2.5 V)
50%
10%
7 V
50%
tDESAT (FAULT)
VDESAT
FAULT
RESET
tDESAT (90%)
tDESAT (LOW)
tDESAT (10%)
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com