Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
Electrical Specifications (DC)
Unless otherwise noted, all typical values at TA = 25
°C, VCC1 = 5 V, and VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig. Note
Logic Low Input
VIN+L, VIN-L,
0.8
V
Voltages
VRESETL
Logic High Input
VIN+H, VIN-H,
2.0
Voltages
VRESETH
Logic Low Input
IIN+L, IIN-L,
-0.5
-0.4
mA
VIN = 0.4 V
Currents
IRESETL
FAULT Logic Low
IFAULTL
5.0
12
VFAULT = 0.4 V
30
Output Current
FAULT Logic High
IFAULTH
-40
µAVFAULT = VCC1
31
Output Current
High Level Output
IOH
-0.5
-1.5
A
VOUT = VCC2 - 4 V
3, 8,
7
-2.0
VOUT = VCC2 - 15 V
5
Low Level Output
IOL
0.5
2.3
VOUT = VEE + 2.5 V
4, 9,
7
2.0
VOUT = VEE + 15 V
33
5
Low Level Output
IOLF
90
160
230
mA
VOUT - VEE = 14 V
5, 34
8
Current during Fault
Condition
High Level Output
VOH
VC - 3.5
VC - 2.5
VC - 1.5
V
IOUT = -100 mA
6, 8, 9, 10,
Voltage
VC -2.9
VC - 2.0
VC - 1.2
IOUT = -650 µA35
11
VC
IOUT = 0
Low Level Output
VOL
0.17
0.5
IOUT = 100 mA
7, 9,
26
Voltage
36
High Level Input
ICC1H
17
22
mA
VIN+ = VCC1 = 5.5 V,
10,
Supply Current
VIN- = 0 V
37,
Low Level Input
ICCIL
611
VIN+ = VIN- = 0 V,
Supply Current
VCC1 = 5.5 V
Output Supply
ICC2
2.5
5
VOUT open
11,12,
11
Current
39,40
Low Level Collector
ICL
0.3
1.0
IOUT = 0
15,
27
Current
59
High Level Collector
ICH
0.3
1.3
IOUT = 0
15, 58
27
Current
1.8
3.0
IOUT = -650
µA
15, 57
VE Low Level Supply
IEL
-0.7
-0.4
0
14,
Current
61
VE High Level Supply
IEH
-0.5
-0.14
0
14,
25
Current
40
Blanking Capacitor
ICHG
-0.13
-0.25
-0.33
VDESAT = 0 - 6 V
13,
11,
Charging Current
-0.18
-0.25
-0.33
VDESAT = 0 - 6 V,
41
12
TA = 25
°C - 100°C
Blanking Capacitor
IDSCHG
10
50
VDESAT = 7 V
42
Discharge Current
UVLO Threshold
VUVLO+
11.6
12.3
13.5
V
VOUT > 5 V
43
9, 11,
13
VUVLO-
11.1
12.4
VOUT < 5 V
9, 11,
14
UVLO Hysteresis
(VUVLO+ -
0.4
1.2
VUVLO-)
DESAT Threshold
VDESAT
6.5
7.0
7.5
VCC2 -VE >VUVLO-16,
11
44
32
38
Current
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com