Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 32 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 32 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 28Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 29Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 30Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 31Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 32Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 33Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Printed Circuit Board
Layout Considerations
Adequate spacing should always
be maintained between the high
voltage isolated circuitry and any
input referenced circuitry. Care
must be taken to provide the
same minimum spacing between
two adjacent high-side isolated
regions of the printed circuit
board. Insufficient spacing will
reduce the effective isolation and
increase parasitic coupling that
will degrade CMR performance.
The placement and routing of
supply bypass capacitors requires
special attention. During switch-
ing transients, the majority of the
gate charge is supplied by the
bypass capacitors. Maintaining
short bypass capacitor trace
lengths will ensure low supply
ripple and clean switching
waveforms.
Ground Plane connections are
necessary for pin 4 (GND1) and
pins 9 and 10 (VEE) in order to
achieve maximum power
dissipation as the HCPL-316J is
designed to dissipate the majority
of heat generated through these
pins. Actual power dissipation
will depend on the application
environment (PCB layout, air
flow, part placement, etc.) See
the Thermal Model section for
details on how to estimate
junction temperature.
The layout examples below have
good supply bypassing and
thermal properties, exhibit small
PCB footprints, and have easily
connected signal and supply
lines. The four examples cover
single sided and double sided
component placement, as well as
minimal and improved
performance circuits.
Figure 79. Recommended Layout(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com