Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 26 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 26 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 28Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 29Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 30Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
26
User-Configuration of the
HCPL-316J Input Side
The VIN+, VIN-, FAULT and
RESET input pins make a wide
variety of gate control and fault
configurations possible,
depending on the motor drive
requirements. The HCPL-316J
has both inverting and non-
inverting gate control inputs, an
open collector fault output
suitable for wired ‘OR’
applications and an active low
reset input.
Driving Input pf HCPL-316J in
Non-Inverting/Inverting Mode
The Gate Drive Voltage Output of
the HCPL-316J can be
configured as inverting or
non-inverting using the VIN– and
VIN+ inputs. As shown in Figure
68, when a non-inverting
configuration is desired, VIN– is
held low by connecting it to
GND1 and VIN+ is toggled. As
shown in Figure 69, when an
inverting configuration is desired,
VIN+ is held high by connecting it
to VCC1 and VIN– is toggled.
Figure 68. Typical Input Configuration, Non-Inverting.
Figure 69. Typical Input Configuration, Inverting.
1
2
3
4
5
6
7
8
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
+
–
µC
1
2
3
4
5
6
7
8
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
+
–
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com