Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
Switching Specifications (AC)
Unless otherwise noted, all typical values at TA = 25
°C, VCC1 = 5 V, and VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
VIN to High Level Output
tPLH
0.10
0.30
0.50
µs
Rg = 10
Ω
17,18,19,
15
Propagation Delay Time
Cg = 10 nF,
20,21,22,
VIN to Low Level Output
tPHL
0.10
0.32
0.50
f = 10 kHz,
45,54,
Propagation Delay Time
Duty Cycle = 50%
55
Pulse Width Distortion
PWD
-0.30
0.02
0.30
16,17
Propagation Delay Difference
(tPHL - tPLH)
-0.35
0.35
17, 18
Between Any Two Parts
PDD
10% to 90% Rise Time
tr
0.1
45
90% to 10% Fall Time
tf
0.1
DESAT Sense to 90% VOUT
tDESAT(90%)
0.3
0.5
Rg = 10
Ω,
23,56
19
Delay
Cg = 10 nF
DESAT Sense to 10% VOUT
tDESAT(10%)
2.0
3.0
VCC2 - VEE = 30 V
24,28,
Delay
46,56
DESAT Sense to Low Level
tDESAT(FAULT)
1.8
5
25, 47,
20
FAULT Signal Delay
56
DESAT Sense to DESAT Low
tDESAT(LOW)
0.25
56
21
Propagation Delay
RESET to High Level FAULT
tRESET(FAULT)
3
7
20
26, 27,
22
Signal Delay
56
RESET Signal Pulse Width
PWRESET
0.1
UVLO to
VOUT High Delay
tUVLO ON
4.0
VCC2 = 1.0 ms
49
13
ramp
UVLO to
VOUT Low Delay
tUVLO OFF
6.0
14
Output High Level Common
|CMH|
15
30
kV/
µs TA = 25
°C,
50,51,
23
Mode Transient Immunity
VCM = 1500 V,
52,53
VCC2 = 30 V
Output Low Level Common
|CML|15
30
TA = 25°C,
24
Mode Transient Immunity
VCM = 1500 V,
VCC2 = 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com