Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 22Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
Figure 48. tRESET(FAULT) Test Circuit.
Figure 49. UVLO Delay Test Circuit.
Figure 50. CMR Test Circuit, LED2 off.
Figure 51. CMR Test Circuit, LED2 on.
Figure 52. CMR Test Circuit, LED1 off.
Figure 53. CMR Test Circuit, LED1 on.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1
SCOPE
3 k
Ω
100 pF
0.1
µF
10
Ω
0.1 µF
10 nF
VCm
5 V
25 V
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1
SCOPE
3 k
Ω
100 pF
0.1
µF
10
Ω
10 nF
VCm
750
Ω
9 V
25 V
5 V
0.1 µF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1
3 k
Ω
100
pF
0.1
µF
10
Ω
10 nF
VCm
0.1 µF
SCOPE
25 V
5 V
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1
SCOPE
3 k
Ω
100 pF
0.1
µF
10
Ω
10 nF
VCm
0.1 µF
25 V
5 V
0.1
µF
0.1
µF
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
0.1
µF
5 V
+
–
30 V
30 V
0.1
µF
10
nF
10
Ω
3 k
STROBE
8 V
+
–
VFAULT
VIN HIGH
TO LOW
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
0.1
µF
5 V
VOUT
0.1
µF
10
nF
10
Ω
3 k
+
–
RAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com