Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 24Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
20
Figure 57. ICH Test Circuit.
Figure 58. ICH Test Circuit.
Figure 59. ICL Test Circuit.
Figure 60. IEH Test Circuit.
Figure 61. IEL Test Circuit.
0.1 µF
0.1 µF
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
+
–
30 V
30 V
650 µA
0.1 µF
IC
+
–
0.1
µF
5 V
0.1 µF
0.1 µF
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
+
–
30 V
30 V
0.1 µF
IC
+
–
0.1
µF
5 V
0.1 µF
0.1 µF
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
+
–
30 V
30 V
0.1 µF
IC
0.1
µF
0.1 µF
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
+
–
30 V
30 V
0.1 µF
IE
+
–
0.1
µF
5 V
0.1
µF
0.1 µF
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
+
–
30 V
30 V
0.1 µF
IE
+
–
0.1
µF
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com