| Electronic Components Datasheet Search |
|
HCPL316J Datasheet(PDF) 33 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HCPL316J Datasheet(HTML) 33 Page - Agilent(Hewlett-Packard) |
|
33 / 33 page ![]() Figure 80. Minimum LED Skew for Zero Dead Time. Figure 81. Waveforms for Dead Time Calculation. tPHLMAX tPLHMIN PDD* MAX = (tPHL- tPLH)MAX = tPHLMAX - tPLHMIN *PDD = PROPAGATION DELAY NOTE: FOR PDD CALCULATIONS THE PROPAGATION DELAYS ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS. VOUT1 VIN+2 VOUT2 VIN+1 Q1 ON Q2 OFF Q1 OFF Q2 ON tPLHMIN MAXIMUM DEAD TIME (DUE TO OPTOCOUPLER) = (tPHLMAX - tPHLMIN) + (tPLHMAX - tPLHMIN) = (tPHLMAX - tPLHMIN) – (tPHLMIN - tPLHMAX) = PDD*MAX – PDD*MIN *PDD = PROPAGATION DELAY DIFFERENCE NOTE: FOR DEAD TIME AND PDD CALCULATIONS ALL PROPAGATION DELAYS ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS. VOUT1 VIN+2 VOUT2 VIN+1 Q1 ON Q2 OFF Q1 OFF Q2 ON tPHLMIN tPHLMAX tPLHMAX = PDD*MAX (tPHL-tPLH)MAX System Considerations Propagation Delay Difference (PDD) The HCPL-316J includes a Propagation Delay Difference (PDD) specification intended to help designers minimize “dead time” in their power inverter designs. Dead time is the time period during which both the high and low side power transistors (Q1 and Q2 in Figure 62) are off. Any overlap in Q1 and Q2 conduction will result in large currents flowing through the power devices between the high and low voltage motor rails, a potentially catastrophic condi- tion that must be prevented. To minimize dead time in a given design, the turn-on of the HCPL-316J driving Q2 should be delayed (relative to the turn-off of the HCPL-316J driving Q1) so that under worst-case conditions, transistor Q1 has just turned off when transistor Q2 turns on, as shown in Figure 80. The amount of delay necessary to achieve this condition is equal to the maxi- mum value of the propagation delay difference specification, PDDMAX, which is specified to be 400 ns over the operating temperature range of -40 °C to 100 °C. Delaying the HCPL-316J turn-on signals by the maximum propagation delay difference ensures that the minimum dead time is zero, but it does not tell a designer what the maximum dead time will be. The maximum dead time is equivalent to the difference between the maximum and minimum propagation delay difference specifications as shown in Figure 81. The maximum dead time for the HCPL-316J is 800 ns (= 400 ns - (-400 ns)) over an operating temperature range of -40 °C to 100 °C. Note that the propagation delays used to calculate PDD and dead time are taken at equal tempera- tures and test conditions since the optocouplers under consider- ation are typically mounted in close proximity to each other and are switching identical IGBTs. www.agilent.com/semiconductors E-mail: SemiconductorSupport@agilent.com Data subject to change. Copyright © 2005 Agilent Technologies, Inc. Obsoletes 5989-0784EN March 1, 2005 5989-2143EN For product information and a complete list of Agilent contacts and distributors, please go to our web site. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |