Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 29 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 29 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 28Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 29Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 30Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 31Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 32Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 33Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29
Figure 75. Current Buffer for Increased Drive Current.
Power/Layout
Considerations
Operating Within the
Maximum Allowable Power
Ratings (Adjusting Value of
RG):
When choosing the value of RG,
it is important to confirm that the
power dissipation of the
HCPL-316J is within the
maximum allowable power
rating.
The steps for doing this are:
1. Calculate the minimum desired
RG;
2. Calculate total power
dissipation in the part
referring to Figure 77.
Figure 74. Use of RC to Further Limit
ION,PEAK.
Higher Output Current Using
an External Current Buffer:
To increase the IGBT gate drive
current, a non-inverting current
buffer (such as the npn/pnp
buffer shown in Figure 75) may
be used. Inverting types are not
compatible with the desaturation
fault protection circuitry and
should be avoided. To preserve
the slow IGBT turn-off feature
during a fault condition, a 10 nF
capacitor should be connected
from the buffer input to VEE and
a 10
Ω resistor inserted between
the output and the common npn/
pnp base. The MJD44H11 /
MJD45H11 pair is appropriate
for currents up to 8A maximum.
The D44VH10 / D45VH10 pair is
appropriate for currents up to 15
A maximum.
DESAT Diode and DESAT
Threshold
The DESAT diode’s function is to
conduct forward current,
16
15
14
13
12
11
10
9
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
10
Ω
HCPL-316J
100 pF
RC 8 Ω
10 nF
-5 V
15 V
allowing sensing of the IGBT’s
saturated collector-to-emitter
voltage, VCESAT, (when the IGBT
is “on”) and to block high
voltages (when the IGBT is “off”).
During the short period of time
when the IGBT is switching, there
is commonly a very high dVCE/dt
voltage ramp rate across the
IGBT’s collector-to-emitter. This
results in ICHARGE (= CD-DESAT x
dVCE/dt) charging current which
will charge the blanking
capacitor, CBLANK. In order to
minimize this charging current
and avoid false DESAT triggering,
it is best to use fast response
diodes. Listed in the below table
are fast-recovery diodes that are
suitable for use as a DESAT diode
(DDESAT). In the recommended
application circuit shown in
Figure 62, the voltage on pin 14
(DESAT) is VDESAT = VF + VCE,
(where VF is the forward ON
voltage of DDESAT and VCE is the
IGBT collector-to-emitter
voltage). The value of VCE which
triggers DESAT to signal a
FAULT condition, is nominally 7V
– VF. If desired, this DESAT
threshold voltage can be
decreased by using multiple
DESAT diodes in series. If n is
the number of DESAT diodes
then the nominal threshold value
becomes VCE,FAULT(TH) = 7 V – n
x VF. In the case of using two
diodes instead of one, diodes with
half of the total required
maximum reverse-voltage rating
may be chosen.
Max. Reverse Voltage
Part Number
Manufacturer
trr (ns)
Rating, VRRM (Volts)
Package Type
MUR1100E
Motorola
75
1000
59-04 (axial leaded)
MURS160T3
Motorola
75
600
Case 403A (surface mount)
UF4007
General Semi.
75
1000
DO-204AL (axial leaded)
BYM26E
Philips
75
1000
SOD64 (axial leaded)
BYV26E
Philips
75
1000
SOD57 (axial leaded)
BYV99
Philips
75
600
SOD87 (surface mount)
16
15
14
13
12
11
10
9
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
10
Ω
HCPL-316J
100 pF
10 nF
MJD44H11 or
D44VH10
4.5
Ω
2.5
Ω
MJD45H11 or
D45VH10
15 V
-5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com