Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 23 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 23 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 27Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23
Slow IGBT Gate
Discharge During Fault
Condition
When a desaturation fault is
detected, a weak pull-down
device in the HCPL-316J output
drive stage will turn on to ‘softly’
turn off the IGBT. This device
slowly discharges the IGBT gate
to prevent fast changes in drain
current that could cause
damaging voltage spikes due to
lead and wire inductance. During
the slow turn off, the large output
pull-down device remains off until
the output voltage falls below VEE
+ 2 Volts, at which time the large
pull down device clamps the
IGBT gate to VEE.
DESAT Fault Detection
Blanking Time
The DESAT fault detection
circuitry must remain disabled for
a short time period following the
turn-on of the IGBT to allow the
collector voltage to fall below the
DESAT theshold. This time
period, called the DESAT
blanking time, is controlled by
the internal DESAT charge
current, the DESAT voltage
threshold, and the external
DESAT capacitor. The nominal
blanking time is calculated in
terms of external capacitance
(CBLANK), FAULT threshold
voltage (VDESAT), and DESAT
charge current (ICHG) as
tBLANK = CBLANK x VDESAT /ICHG.
The nominal blanking time with
the recommended 100 pF
capacitor is 100 pF * 7 V / 250
µA
= 2.8
µsec. The capacitance
value can be scaled slightly to
adjust the blanking time, though
a value smaller than 100 pF is not
recommended. This nominal
blanking time also represents the
longest time it will take for the
HCPL-316J to respond to a
DESAT fault condition. If the
IGBT is turned on while the
collector and emitter are shorted
to the supply rails (switching into
a short), the soft shut-down
sequence will begin after
approximately 3
µsec. If the IGBT
collector and emitter are shorted
to the supply rails after the IGBT
is already on, the response time
will be much quicker due to the
parasitic parallel capacitance of
the DESAT diode. The
recommended 100 pF capacitor
should provide adequate blanking
as well as fault response times for
most applications.
Under Voltage Lockout
The HCPL-316J Under Voltage
Lockout (UVLO) feature is
designed to prevent the
application of insufficient gate
voltage to the IGBT by forcing
the HCPL-316J output low during
power-up. IGBTs typically require
gate voltages of 15 V to achieve
their rated VCE(ON) voltage. At
gate voltages below 13 V
typically, their on-voltage
increases dramatically, especially
at higher currents. At very low
gate voltages (below 10 V), the
IGBT may operate in the linear
region and quickly overheat. The
UVLO function causes the output
to be clamped whenever
insufficient operating supply
(VCC2) is applied. Once VCC2
exceeds VUVLO+ (the positive-
going UVLO threshold), the
UVLO clamp is released to allow
the device output to turn on in
response to input signals. As
VCC2 is increased from 0 V (at
some level below VUVLO+), first
the DESAT protection circuitry
becomes active. As VCC2 is
further increased (above
VUVLO+), the UVLO clamp is
released. Before the time the
UVLO clamp is released, the
DESAT protection is already
active. Therefore, the UVLO and
DESAT FAULT DETECTION
features work together to provide
seamless protection regardless of
supply voltage (VCC2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com