Electronic Components Datasheet Search
  English  ▼

X  

HCPL316J Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
Ts
-55
125
°C
Operating Temperature
TA
-40
100
Output IC Junction Temperature
TJ
125
4
Peak Output Current
|Io(peak)|
2.5
A
5
Fault Output Current
IFAULT
8.0
mA
Positive Input Supply Voltage
VCC1
-0.5
5.5
Volts
Input Pin Voltages
VIN+, VIN- and VRESET
-0.5
VCC1
Total Output Supply Voltage
(VCC2 - VEE)
-0.5
35
Negative Output Supply Voltage
(VE - VEE)
-0.5
15
6
Positive Output Supply Voltage
(VCC2 - VE)
-0.5
35 - (VE - VEE)
Gate Drive Output Voltage
Vo(peak)
-0.5
VCC2
Collector Voltage
VC
VEE + 5 V
VCC2
DESAT Voltage
VDESAT
VE
VE + 10
Output IC Power Dissipation
PO
600
mW
4
Input IC Power Dissipation
PI
150
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
-40
+100
°C
Input Supply Voltage
VCC1
4.5
5.5
Volts
28
Total Output Supply Voltage
(VCC2 - VEE)15
30
9
Negative Output Supply Voltage
(VE - VEE)0
15
6
Positive Output Supply Voltage
(VCC2 - VE)
15
30 - (VE - VEE)
Collector Voltage
VC
VEE + 6
VCC2
Insulation and Safety Related Specifications
Parameter
Symbol Value
Units
Conditions
Minimum External Air Gap
L(101)
8.3
mm
Measured from input terminals to output
(Clearance)
terminals, shortest distance through air.
Minimum External
L(102)
8.3
mm
Measured from input terminals to output
Tracking (Creepage)
terminals, shortest distance path along body.
Minimum Internal Plastic
0.5
mm
Through insulation distance conductor to
Gap (Internal Clearance)
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
CTI
>175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com