Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 100Page - Microchip Technology LAN89218 Datasheet HTML 101Page - Microchip Technology LAN89218 Datasheet HTML 102Page - Microchip Technology LAN89218 Datasheet HTML 103Page - Microchip Technology LAN89218 Datasheet HTML 104Page - Microchip Technology LAN89218 Datasheet HTML 105Page - Microchip Technology LAN89218 Datasheet HTML 106Page - Microchip Technology LAN89218 Datasheet HTML 107Page - Microchip Technology LAN89218 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
LAN89218
DS60001255B-page 104
 2008-2015 Microchip Technology Inc.
5.4.3
ADDRL—MAC ADDRESS LOW REGISTER
The MAC Address Low register contains the lower 32 bits of the physical address of the MAC. The contents of this
register are optionally loaded from the EEPROM at power-on through the EEPROM Controller if a programmed
EEPROM is detected. The least significant byte of this register (bits [7:0]) is loaded from address 0x01 of the
EEPROM. The most significant byte of this register is loaded from address 0x04 of the EEPROM. Refer to
Section 4.6 for more information on the EEPROM.
Table 5-7 below illustrates the byte ordering of the ADDRL and ADDRH registers with respect to the reception of the
Ethernet physical address. Also shown is the correlation between the EEPROM addresses and ADDRL and ADDRH
registers.
As an example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the ADDRL and ADDRH registers
would be programmed as shown in Figure 5-2. The values required to automatically load this configuration from the
EEPROM are also shown.
Offset:
3
Attribute:
R/W
Default Value:
FFFFFFFFh
Size:
32 bits
Bits
Description
31:0
Physical Address [31:0]. This field contains the lower 32 bits (31:0) of the Physical Address of the
LAN89218 device. The content of this field is undefined until loaded from the EEPROM at power-on.
The host can update the contents of this field after the initialization process has completed.
TABLE 5-7:
ADDRL, ADDRH AND EEPROM BYTE ORDERING
EEPROM Address
ADDRn
Order of Reception on Ethernet
0x01
ADDRL[7:0]
1st
0x02
ADDRL[15:8]
2nd
0x03
ADDRL[23:16]
3rd
0x04
ADDRL[31:24]
4th
0x05
ADDRH[7:0]
5th
0x06
ADDRH[15:8]
6th
FIGURE 5-2:
EXAMPLE ADDRL, ADDRH AND EEPROM SETUP
Note:
By convention, the left most byte of the Ethernet address (in this example 0x12) is the most significant byte
and is transmitted/received first.
0x12
0
7
0x34
8
15
0x56
16
23
0x78
24
31
ADDRL
0x9A
0
7
0xBC
8
15
ADDRH
xx
16
23
xx
24
31
0xA5
0x12
0x34
0x56
0x78
0x9A
0xBC
0x00
0x01
0x02
0x03
0x04
0x05
0x06
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com