Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 108 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 108 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 104Page - Microchip Technology LAN89218 Datasheet HTML 105Page - Microchip Technology LAN89218 Datasheet HTML 106Page - Microchip Technology LAN89218 Datasheet HTML 107Page - Microchip Technology LAN89218 Datasheet HTML 108Page - Microchip Technology LAN89218 Datasheet HTML 109Page - Microchip Technology LAN89218 Datasheet HTML 110Page - Microchip Technology LAN89218 Datasheet HTML 111Page - Microchip Technology LAN89218 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 148 page
background image
LAN89218
DS60001255B-page 108
 2008-2015 Microchip Technology Inc.
5.4.9
VLAN1—VLAN1 TAG REGISTER
This register contains the VLAN tag field to identify VLAN1 frames. For VLAN frames the legal frame length is
increased from 1518 bytes to 1522 bytes.
5.4.10
VLAN2—VLAN2 TAG REGISTER
This register contains the VLAN tag field to identify VLAN2 frames. For VLAN frames the legal frame length is
increased from 1518 bytes to 1522 bytes.
Offset:
9
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31:16
Reserved
15:0
VLAN1 Tag Identifier (VTI1). This contains the VLAN Tag field to identify the VLAN1 frames. This field
is compared with the 13th and 14th bytes of the incoming frames for VLAN1 frame detection.
If used, this register must be set to 0x8100.
Offset:
A
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31:16
Reserved
15:0
VLAN2 Tag Identifier (VTI2). This contains the VLAN Tag field to identify the VLAN2 frames. This field
is compared with the 13th and 14th bytes of the incoming frames for VLAN2 frame detection.If used,
this register must be set to 0x8100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com