Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 112 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 112 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 108Page - Microchip Technology LAN89218 Datasheet HTML 109Page - Microchip Technology LAN89218 Datasheet HTML 110Page - Microchip Technology LAN89218 Datasheet HTML 111Page - Microchip Technology LAN89218 Datasheet HTML 112Page - Microchip Technology LAN89218 Datasheet HTML 113Page - Microchip Technology LAN89218 Datasheet HTML 114Page - Microchip Technology LAN89218 Datasheet HTML 115Page - Microchip Technology LAN89218 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 148 page
background image
LAN89218
DS60001255B-page 112
 2008-2015 Microchip Technology Inc.
5.5
PHY Registers
The PHY registers are not memory mapped. These registers are accessed indirectly through the MAC via the
MII_ACC and MII_DATA registers. An index must be used to access individual PHY registers. PHY Register Indexes
are shown in Table 5-8.
Note:
The NASR (Not Affected by Software Reset) designation is only applicable when bit 15 of the PHY Basic
Control Register (Reset) is set.
TABLE 5-8:
LAN89218 PHY CONTROL AND STATUS REGISTER
PHY Control and Status Registers
Index
(In Decimal)
Register Name
0
Basic Control Register
1
Basic Status Register
2
PHY Identifier 1
3
PHY Identifier 2
4
Auto-Negotiation Advertisement Register
5
Auto-Negotiation Link Partner Ability Register
6
Auto-Negotiation Expansion Register
17
Mode Control/Status Register
18
Special Modes Register
27
Special Control/Status Indications
29
Interrupt Source Register
30
Interrupt Mask Register
31
PHY Special Control/Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com