Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 109 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 109 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 105Page - Microchip Technology LAN89218 Datasheet HTML 106Page - Microchip Technology LAN89218 Datasheet HTML 107Page - Microchip Technology LAN89218 Datasheet HTML 108Page - Microchip Technology LAN89218 Datasheet HTML 109Page - Microchip Technology LAN89218 Datasheet HTML 110Page - Microchip Technology LAN89218 Datasheet HTML 111Page - Microchip Technology LAN89218 Datasheet HTML 112Page - Microchip Technology LAN89218 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 109
LAN89218
5.4.11
WUFF—WAKEUP FRAME FILTER
This register is used to configure the wake up frame filter.
Offset:
B
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31:0
Wakeup Frame Filter (WFF). The Wakeup Frame Filter is configured through this register using an
indexing mechanism. Following a reset, the MAC loads the first value written to this location to the first
DWORD in the Wakeup Frame Filter (filter 0 byte mask). The second value written to this location is
loaded to the second DWORD in the Wakeup Frame Filter (filter 1 byte mask) and so on. Once all eight
DWORDs have been written, the internal pointer will once again point to the first entry and the filter
entries can be modified in the same manner. Similarly, eight DWORDs can be read sequentially to
obtain the values stored in the WFF.
Note:
This register should be read and written using eight consecutive DWORD operations. Failure
to read or write the entire contents of the WFF may cause the internal read/write pointers to
be left in a position other than pointing to the first entry. A mechanism for resetting the inter-
nal pointers to the beginning of the WFF is available via the WFF Pointer Reset
(WFF_PTR_RST) bit of the WUCSR—Wake-up Control and Status Register. This mecha-
nism enables the application program to re-synchronize with the internal WFF pointers if it
has not previously read/written the complete contents of the WFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com