Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 110 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 110 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 106Page - Microchip Technology LAN89218 Datasheet HTML 107Page - Microchip Technology LAN89218 Datasheet HTML 108Page - Microchip Technology LAN89218 Datasheet HTML 109Page - Microchip Technology LAN89218 Datasheet HTML 110Page - Microchip Technology LAN89218 Datasheet HTML 111Page - Microchip Technology LAN89218 Datasheet HTML 112Page - Microchip Technology LAN89218 Datasheet HTML 113Page - Microchip Technology LAN89218 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 148 page
background image
LAN89218
DS60001255B-page 110
 2008-2015 Microchip Technology Inc.
5.4.12
WUCSR—WAKE-UP CONTROL AND STATUS REGISTER
This register contains data pertaining to the MAC’s remote wake-up status and capabilities.
Offset:
C
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31
WFF Pointer Reset (WFF_PTR_RST). This self-clearing bit resets the Wake-up Frame Filter (WFF)
internal read and write pointers to the beginning of the WFF.
30:10
Reserved
9
Global Unicast Enable (GUE). When set, the MAC wakes up from power-saving mode on receipt of a
global unicast frame. A global unicast frame has the MAC Address [0] bit set to 0.
8:7
Reserved
6
Remote Wake-Up Frame Received (WUFR). The MAC, upon receiving a valid Remote Wake-up
frame, sets this bit.
5
Magic Packet Received (MPR). The MAC, upon receiving a valid Magic Packet, sets this bit.
4:3
Reserved
2
Wake-Up Frame enabled (WUEN). When set, Remote Wake-Up mode is enabled and the MAC is
capable of detecting wake-up frames as programmed in the wake-up frame filter.
1
Magic Packet Enable (MPEN). When set, Magic Packet Wake-up mode is enabled.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com