Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 116 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 116 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 112Page - Microchip Technology LAN89218 Datasheet HTML 113Page - Microchip Technology LAN89218 Datasheet HTML 114Page - Microchip Technology LAN89218 Datasheet HTML 115Page - Microchip Technology LAN89218 Datasheet HTML 116Page - Microchip Technology LAN89218 Datasheet HTML 117Page - Microchip Technology LAN89218 Datasheet HTML 118Page - Microchip Technology LAN89218 Datasheet HTML 119Page - Microchip Technology LAN89218 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
LAN89218
DS60001255B-page 116
 2008-2015 Microchip Technology Inc.
5.5.6
AUTO-NEGOTIATION LINK PARTNER ABILITY
Index (In Decimal):
5
Size:
16-bits
Bits
Description
Type
Default
15
Next Page. 1 = next page capable, 0 = no next page ability. This device does
not support next page ability.
RO
0
14
Acknowledge. 1 = link code word received from partner, 0 = link code word
not yet received
Note:
This bit will always read 0
RO
0
13
Remote Fault. 1 = remote fault detected, 0 = no remote fault
RO
0
12
Reserved
RO
0
11:10
Pause Operation.
00 No PAUSE supported by partner station
01 Symmetric PAUSE supported by partner station
10 Asymmetric PAUSE supported by partner station
11 Both Symmetric PAUSE and Asymmetric PAUSE supported by partner
station
RO
00
9
100Base-T4. 1 = T4 able, 0 = no T4 ability
RO
0
8
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex ability
RO
0
7
100Base-TX. 1 = TX able, 0 = no TX ability
RO
0
6
10Base-T Full Duplex.
1 = 10 Mbps with full duplex, 0 = no 10 Mbps with full duplex ability
RO
0
5
10Base-T. 1 = 10 Mbps able, 0 = no 10 Mbps ability
RO
0
4:0
Selector Field. [00001] = IEEE 802.3
RO
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com