Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 120 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 120 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 116Page - Microchip Technology LAN89218 Datasheet HTML 117Page - Microchip Technology LAN89218 Datasheet HTML 118Page - Microchip Technology LAN89218 Datasheet HTML 119Page - Microchip Technology LAN89218 Datasheet HTML 120Page - Microchip Technology LAN89218 Datasheet HTML 121Page - Microchip Technology LAN89218 Datasheet HTML 122Page - Microchip Technology LAN89218 Datasheet HTML 123Page - Microchip Technology LAN89218 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 148 page
background image
LAN89218
DS60001255B-page 120
 2008-2015 Microchip Technology Inc.
5.5.11
INTERRUPT SOURCE FLAG
Note 1:
The default value of this bit will vary dependent on the current link state of the line.
5.5.12
INTERRUPT MASK
Index (In Decimal):
29
Size:
16-bits
Bits
Description
Type
Default
15:8
Reserved. Ignore on read.
RO/LH
0
7
INT7. 1 = ENERGYON generated, 0 = not source of interrupt
RO/LH
0
6
INT6. 1 = Auto-Negotiation complete, 0 = not source of interrupt
RO/LH
0
5
INT5. 1 = Remote Fault Detected, 0 = not source of interrupt
RO/LH
0
4
INT4. 1 = Link Down (link status negated), 0 = not source of interrupt
RO/LH
See Note 1
3
INT3. 1 = Auto-Negotiation LP Acknowledge, 0 = not source of interrupt
RO/LH
0
2
INT2. 1 = Parallel Detection Fault, 0 = not source of interrupt
RO/LH
0
1
INT1. 1 = Auto-Negotiation Page Received, 0 = not source of interrupt
RO/LH
0
0
Reserved
RO/LH
0
Index (In Decimal):
30
Size:
16-bits
Bits
Description
Type
Default
15:8
Reserved. Write as 0; ignore on read.
RO
0
7:0
Mask Bits. 1 = interrupt source is enabled, 0 = interrupt source is masked
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com